Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 14Page - Renesas Technology Corp 4501 Datasheet HTML 15Page - Renesas Technology Corp 4501 Datasheet HTML 16Page - Renesas Technology Corp 4501 Datasheet HTML 17Page - Renesas Technology Corp 4501 Datasheet HTML 18Page - Renesas Technology Corp 4501 Datasheet HTML 19Page - Renesas Technology Corp 4501 Datasheet HTML 20Page - Renesas Technology Corp 4501 Datasheet HTML 21Page - Renesas Technology Corp 4501 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 212 page
background image
1-6
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
PIN DESCRIPTION
Name
Power supply
Ground
CNVSS
Reset input/output
System clock input
I/O port D
I/O
I/O port P1
I/O port P2
I/O port C
I/O port K
Timer input/output
Interrupt input
Analog input
Pin
VDD
VSS
CNVSS
RESET
XIN
D0–D3
P00–P03
P10–P13
P20, P21
Port C
Port K
CNTR
INT
AIN0–AIN1
Input/Output
—
—
—
I/O
Input
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Input
Input
Function
Connected to a plus power supply.
Connected to a 0 V power supply.
Connect CNVSS to VSS and apply “L” (0V) to CNVSS certainly.
An N-channel open-drain I/O pin for a system reset. When the watchdog timer, the
built-in power-on reset or the voltage drop detection circuit causes the system to be
reset, the RESET pin outputs “L” level.
I/O pins of the system clock generating circuit. When using a ceramic resonator, connect
it between pins XIN and XOUT. A feedback resistor is built-in between them. When using
the RC oscillation, connect a resistor and a capacitor to XIN, and leave XOUT pin open.
Each pin of port D has an independent 1-bit wide I/O function. Each pin has an out-
put latch. For input use, set the latch of the specified bit to “1.” Input is examined by
skip decision. The output structure is N-channel open-drain. Ports D2 and D3 are
equipped with a pull-up function and a key-on wakeup function. Both functions can
be switched by software.
Ports D2 and D3 are also used as ports C and K, respectively.
Port P0 serves as a 4-bit I/O port, and it can be used as inputs when the output latch
is set to “1.” The output structure is N-channel open-drain. Port P0 has a key-on
wakeup function and a pull-up function. Both functions can be switched by software.
Port P1 serves as a 4-bit I/O port, and it can be used as inputs when the output latch
is set to “1.” The output structure is N-channel open-drain. Port P1 has a key-on
wakeup function and a pull-up function. Both functions can be switched by software.
Ports P12 and P13 are also used as CNTR and INT, respectively.
Port P2 serves as a 2-bit I/O port, and it can be used as inputs when the output latch
is set to “1.” The output structure is N-channel open-drain. Port P2 has a key-on
wakeup function and a pull-up function. Both functions can be switched by software.
Ports P20 and P21 are also used as AIN0 and AIN1, respectively.
1-bit I/O port. Port C can be used as inputs when the output latch is set to “1.” The
output structure is N-channel open-drain. Port C has a key-on wakeup function and
a pull-up function. Both functions can be switched by software. Port C is also used
as port D2.
1-bit I/O port. Port K can be used as inputs when the output latch is set to “1.” The
output structure is N-channel open-drain. Port K has a key-on wakeup function and
a pull-up function. Both functions can be switched by software. Port K is also used
as port D3.
CNTR pin has the function to input the clock for the timer 2 event counter, and to out-
put the timer 1 or timer 2 underflow signal divided by 2. This pin is also used as port
P12.
INT pin accepts external interrupts. It has the key-on wakeup function which can be
switched by software. This pin is also used as port P13.
A/D converter analog input pins. AIN0 and AIN1 are also used as ports P20 and P21,
respectively.
Notes 1: Pins except above have just single function.
2: The input/output of D2, D3, P12 and P13 can be used even when C, K, CNTR (input) and INT are selected.
3: The input of P12 can be used even when CNTR (output) is selected.
4: The input/output of P20, P21 can be used even when AIN0, AIN1 are selected.
Pin
D2
D3
P12
P13
Multifunction
C
K
CNTR
INT
MULTIFUNCTION
Pin
C
K
CNTR
INT
Multifunction
D2
D3
P12
P13
Pin
P20
P21
Multifunction
AIN0
AIN1
Pin
AIN0
AIN1
Multifunction
P20
P21
XOUT
System clock output
Output
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com