Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 70Page - Renesas Technology Corp 4501 Datasheet HTML 71Page - Renesas Technology Corp 4501 Datasheet HTML 72Page - Renesas Technology Corp 4501 Datasheet HTML 73Page - Renesas Technology Corp 4501 Datasheet HTML 74Page - Renesas Technology Corp 4501 Datasheet HTML 75Page - Renesas Technology Corp 4501 Datasheet HTML 76Page - Renesas Technology Corp 4501 Datasheet HTML 77Page - Renesas Technology Corp 4501 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 212 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-62
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
MACHINE INSTRUCTIONS (INDEX BY ALPHABET)
A n (Add n and accumulator)
000110nnnn
06n
11
–
Overflow = 0
Grouping:
Arithmetic operation
Description: Adds the value n in the immediate field to
register A, and stores a result in register A.
The contents of carry flag CY remains un-
changed.
Skips the next instruction when there is no
overflow as the result of operation.
Executes the next instruction when there is
overflow as the result of operation.
Operation:
(A)
← (A) + n
n = 0 to 15
ADST (A/D conversion STart)
1010011111
29F
11
–
–
Grouping:
A/D conversion operation
Description: Clears (0) to A/D conversion completion
flag ADF, and the A/D conversion at the A/D
conversion mode (Q13 = 0) or the compara-
tor operation at the comparator mode (Q13
= 1) is started.
Operation:
(ADF)
← 0
Q13 = 0: A/D conversion starting
Q13 = 1: Comparator operation starting
(Q13 : bit 3 of A/D control register Q1)
AM (Add accumulator and Memory)
0000001010
00A
11
–
–
Grouping:
Arithmetic operation
Description: Adds the contents of M(DP) to register A.
Stores the result in register A. The contents
of carry flag CY remains unchanged.
Operation:
(A)
← (A) + (M(DP))
AMC (Add accumulator, Memory and Carry)
0000001011
00B
11
0/1
–
Grouping:
Arithmetic operation
Description: Adds the contents of M(DP) and carry flag
CY to register A. Stores the result in register
A and carry flag CY.
Operation:
(A)
← (A) + (M(DP)) + (CY)
(CY)
← Carry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com