Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 58Page - Renesas Technology Corp 4501 Datasheet HTML 59Page - Renesas Technology Corp 4501 Datasheet HTML 60Page - Renesas Technology Corp 4501 Datasheet HTML 61Page - Renesas Technology Corp 4501 Datasheet HTML 62Page - Renesas Technology Corp 4501 Datasheet HTML 63Page - Renesas Technology Corp 4501 Datasheet HTML 64Page - Renesas Technology Corp 4501 Datasheet HTML 65Page - Renesas Technology Corp 4501 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 212 page
background image
1-50
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
LIST OF PRECAUTIONS
➀ Noise and latch-up prevention
Connect a capacitor on the following condition to prevent noise
and latch-up;
• connect a bypass capacitor (approx. 0.1
µF) between pins VDD
and VSS at the shortest distance,
• equalize its wiring in width and length, and
• use relatively thick wire.
In the One Time PROM version, CNVSS pin is also used as VPP
pin. Accordingly, when using this pin, connect this pin to VSS
through a resistor about 5 k
Ω (connect this resistor to CNVSS/
VPP pin as close as possible).
➁ Register initial values 1
The initial value of the following registers are undefined after sys-
tem is released from reset. After system is released from reset,
set initial values.
• Register Z (2 bits)
• Register D (3 bits)
• Register E (8 bits)
➂ Register initial values 2
The initial value of the following registers are undefined at RAM
back-up. After system is returned from RAM back-up, set initial
values.
• Register Z (2 bits)
• Register X (4 bits)
• Register Y (4 bits)
• Register D (3 bits)
• Register E (8 bits)
➃ Stack registers (SKS) and stack pointer (SP)
Stack registers (SKs) are eight identical registers, so that subrou-
tines can be nested up to 8 levels. However, one of stack
registers is used respectively when using an interrupt service
routine and when executing a table reference instruction. Accord-
ingly, be careful not to over the stack when performing these
operations together.
➄ Prescaler
Stop the prescaler operation to change its frequency dividing ra-
tio.
➅Timer count source
Stop timer 1 or 2 counting to change its count source.
➆ Reading the count value
Stop timer 1 or 2 counting and then execute the TAB1 or TAB2
instruction to read its data.
➇ Writing to the timer
Stop timer 1 or 2 counting and then execute the T1AB or T2AB
instruction to write its data.
➈ Writing to reload register R1
When writing data to reload register R1 while timer 1 is operat-
ing, avoid a timing when timer 1 underflows.
Watchdog timer
• The watchdog timer function is valid after system is released
from reset. When not using the watchdog timer function, execute
the DWDT instruction and the WRST instruction continuously,
and clear the WEF flag to “0” to stop the watchdog timer function.
• The watchdog timer function is valid after system is returned from
the RAM back-up. When not using the watchdog timer function,
execute the DWDT instruction and the WRST instruction continu-
ously every system is returned from the RAM back-up, and stop
the watchdog timer function.
Multifunction
• The input/output of D2, D3, P12 and P13 can be used even when
C, K, CNTR (input) and INT are selected.
• The input of P12 can be used even when CNTR (output) is selected.
• The input/output of P20 and P21 can be used even when AIN0 and
AIN1 are selected.
Program counter
Make sure that the PCH does not specify after the last page of
the built-in ROM.
POF and POF2 instructions
When the POF or POF2 instruction is executed continuously af-
ter the EPOF instruction, system enters the RAM back-up state.
Note that system cannot enter the RAM back-up state when ex-
ecuting only the POF or POF2 instruction.
Be sure to disable interrupts by executing the DI instruction be-
fore executing the EPOF instruction and the POF or POF2
instruction continuously.
LIST OF PRECAUTIONS
Timer 1 and timer 2 count start timing and count time when
operation starts
Count starts from the first rising edge of the count source (2) af-
ter timer 1 and timer 2 operations start (1).
Time to first underflow (3) is shorter (for up to 1 period of the
count source) than time among next underflow (4) by the timing
to start the timer and count source operations after count starts.
When selecting CNTR input as the count source of timer 2, timer
2 operates synchronizing with the falling edge of CNTR input.
Fig. 48 Timer count start timing and count time when opera-
tion starts (T1, T2)
(1) Timer
Count Source
Timer Value
Timer Underflow
Signal
3
21
032
103
2
Count Source
(CNTR input)
(2)
(3)
(4)
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com