Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 48Page - Renesas Technology Corp 4501 Datasheet HTML 49Page - Renesas Technology Corp 4501 Datasheet HTML 50Page - Renesas Technology Corp 4501 Datasheet HTML 51Page - Renesas Technology Corp 4501 Datasheet HTML 52Page - Renesas Technology Corp 4501 Datasheet HTML 53Page - Renesas Technology Corp 4501 Datasheet HTML 54Page - Renesas Technology Corp 4501 Datasheet HTML 55Page - Renesas Technology Corp 4501 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 212 page
background image
FUNCTION BLOCK OPERATIONS
1-40
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
• Program counter (PC) ..........................................................................................................
Address 0 in page 0 is set to program counter.
• Interrupt enable flag (INTE) ..................................................................................................
• Power down flag (P) .............................................................................................................
• External 0 interrupt request flag (EXF0) ..............................................................................
• Interrupt control register V1 ..................................................................................................
• Interrupt control register V2 ..................................................................................................
• Interrupt control register I1 ...................................................................................................
• Timer 1 interrupt request flag (T1F) .....................................................................................
• Timer 2 interrupt request flag (T2F) .....................................................................................
• Watchdog timer flags (WDF1, WDF2) ..................................................................................
• Watchdog timer enable flag (WEF) ......................................................................................
• Timer control register W1 .....................................................................................................
• Timer control register W2 .....................................................................................................
• Timer control register W6 .....................................................................................................
• Clock control register MR .....................................................................................................
• Key-on wakeup control register K0 ......................................................................................
• Key-on wakeup control register K1 ......................................................................................
• Key-on wakeup control register K2 ......................................................................................
• Pull-up control register PU0 .................................................................................................
• Pull-up control register PU1 .................................................................................................
• Pull-up control register PU2 .................................................................................................
• A/D conversion completion flag (ADF) .................................................................................
• A/D control register Q1 .........................................................................................................
• Carry flag (CY) ......................................................................................................................
• Register A .............................................................................................................................
• Register B .............................................................................................................................
• Register D .............................................................................................................................
• Register E .............................................................................................................................
• Register X .............................................................................................................................
• Register Y .............................................................................................................................
• Register Z .............................................................................................................................
• Stack pointer (SP) ................................................................................................................
• Oscillation clock ..................................................................... On-chip oscillator (operating)
• Ceramic resonator circuit ..................................................................................... Operating
• RC oscillation circuit ...................................................................................................... Stop
“✕” represents undefined.
Fig. 36 Internal state at reset
✕✕
(2) Internal state at reset
Figure 36 shows internal state at reset (they are the same after sys-
tem is released from reset). The contents of timers, registers, flags
and RAM except shown in Figure 36 are undefined, so set the ini-
tial value to them.
0
000
000
000
000
0
0
(Interrupt disabled)
0
0
0
0
0
0
(Interrupt disabled)
0
0
0
0
(Interrupt disabled)
00
00
0
0
0
1
0
0
0
0
(Prescaler and timer 1 stopped)
0
0
0
0
(Timer 2 stopped)
00
00
11
00
00
00
00
00
00
00
00
00
00
00
00
00
0
00
00
0
00
00
00
00
✕✕
✕
✕
✕✕✕
✕✕
00
00
00
00
✕✕
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com