Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 96Page - Renesas Technology Corp 4501 Datasheet HTML 97Page - Renesas Technology Corp 4501 Datasheet HTML 98Page - Renesas Technology Corp 4501 Datasheet HTML 99Page - Renesas Technology Corp 4501 Datasheet HTML 100Page - Renesas Technology Corp 4501 Datasheet HTML 101Page - Renesas Technology Corp 4501 Datasheet HTML 102Page - Renesas Technology Corp 4501 Datasheet HTML 103Page - Renesas Technology Corp 4501 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 212 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
D9
D0
D9
D0
D9
D0
D9
D0
INSTRUCTIONS
1-88
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
TW2A (Transfer data to register W2 from Accumulator)
1000001111
20F
11
––
Grouping:
Timer operation
Description: Transfers the contents of register A to timer
control register W2.
Operation:
(W2)
← (A)
TW6A (Transfer data to register W6 from Accumulator)
1000010011
213
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of register A to timer
control register W6.
Operation:
(W6)
← (A)
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TYA (Transfer data to register Y from Accumulator)
0000001100
00C
11
–
–
Grouping:
Register to register transfer
Description: Transfers the contents of register A to regis-
ter Y.
Operation:
(Y)
← (A)
WRST (Watchdog timer ReSeT)
1010100000
2A
0
11
–
(WDF1) = 1
Grouping:
Other operation
Description: Skips the next instruction when watchdog
timer flag WDF1 is “1.” After skipping, clears
(0) to the WDF1 flag. When the WDF1 flag
is “0,” executes the next instruction. Also,
stops the watchdog timer function when ex-
ecuting the WRST instruction immediately
after the DWDT instruction.
Operation:
(WDF1) = 1 ?
After skipping, (WDF1)
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com