Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 85Page - Renesas Technology Corp 4501 Datasheet HTML 86Page - Renesas Technology Corp 4501 Datasheet HTML 87Page - Renesas Technology Corp 4501 Datasheet HTML 88Page - Renesas Technology Corp 4501 Datasheet HTML 89Page - Renesas Technology Corp 4501 Datasheet HTML 90Page - Renesas Technology Corp 4501 Datasheet HTML 91Page - Renesas Technology Corp 4501 Datasheet HTML 92Page - Renesas Technology Corp 4501 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 212 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-77
4501 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
TAB (Transfer data to Accumulator from register B)
0000011110
01E
11
–
–
Grouping:
Other operation
Description: Transfers the contents of register B to regis-
ter A.
TAB1 (Transfer data to Accumulator and register B from timer 1)
1001110000
270
11
–
–
Grouping:
Timer operation
Description: Transfers the high-order 4 bits (T17–T14) of
timer 1 to register B.
Transfers the low-order 4 bits (T13–T10) of
timer 1 to register A.
Operation:
(B)
← (T17–T14)
(A)
← (T13–T10)
Operation:
(A)
← (B)
T1AB (Transfer data to timer 1 and register R1 from Accumulator and register B)
1000110000
230
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of register B to the
high-order 4 bits of timer 1 and timer 1 re-
load register R1. Transfers the contents of
register A to the low-order 4 bits of timer 1
and timer 1 reload register R1.
Operation:
(T17–T14)
← (B)
(R17–R14)
← (B)
(T13–T10)
← (A)
(R13–R10)
← (A)
T2AB (Transfer data to timer 2 and register R2 from Accumulator and register B)
1000110001
231
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of register B to the
high-order 4 bits of timer 2 and timer 2 re-
load register R2. Transfers the contents of
register A to the low-order 4 bits of timer 2
and timer 2 reload register R2.
Operation:
(T27–T24)
← (B)
(R27–R24)
← (B)
(T23–T20)
← (A)
(R23–R20)
← (A)
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com