Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 29Page - Renesas Technology Corp 4501 Datasheet HTML 30Page - Renesas Technology Corp 4501 Datasheet HTML 31Page - Renesas Technology Corp 4501 Datasheet HTML 32Page - Renesas Technology Corp 4501 Datasheet HTML 33Page - Renesas Technology Corp 4501 Datasheet HTML 34Page - Renesas Technology Corp 4501 Datasheet HTML 35Page - Renesas Technology Corp 4501 Datasheet HTML 36Page - Renesas Technology Corp 4501 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 212 page
background image
1-21
4501 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
(6) Interrupt control registers
• Interrupt control register V1
Interrupt enable bits of external 0, timer 1 and timer 2 are as-
signed to register V1. Set the contents of this register through
register A with the TV1A instruction. The TAV1 instruction can be
used to transfer the contents of register V1 to register A.
• Interrupt control register V2
The A/D interrupt enable bit is assigned to register V2. Set the
contents of this register through register A with the TV2A instruc-
tion. The TAV2 instruction can be used to transfer the contents of
register V2 to register A.
Table 6 Interrupt control registers
V13
V12
V11
V10
V23
V22
V21
V20
Not used
A/D interrupt enable bit
Not used
Not used
Interrupt control register V1
Timer 2 interrupt enable bit
Timer 1 interrupt enable bit
Not used
External 0 interrupt enable bit
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: These instructions are equivalent to the NOP instrucion.
Interrupt disabled (SNZT2 instruction is valid)
Interrupt enabled (SNZT2 instruction is invalid) (Note 2)
Interrupt disabled (SNZT1 instruction is valid)
Interrupt enabled (SNZT1 instruction is invalid) (Note 2)
This bit has no function, but read/write is enabled.
Interrupt disabled (SNZ0 instruction is valid)
Interrupt enabled (SNZ0 instruction is invalid) (Note 2)
This bit has no function, but read/write is enabled.
Interrupt disabled (SNZAD instruction is valid)
Interrupt enabled (SNZAD instruction is invalid) (Note 2)
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
0
1
0
1
0
1
0
1
R/W
at RAM back-up : 00002
at reset : 00002
R/W
at RAM back-up : 00002
at reset : 00002
Interrupt control register V2
R/W
at RAM back-up : 00002
at reset : 00002
0
1
0
1
0
1
0
1
(7) Interrupt sequence
Interrupts only occur when the respective INTE flag, interrupt en-
able bits (V10, V12, V13, V22), and interrupt request flag are “1.”
The interrupt actually occurs 2 to 3 machine cycles after the cycle
in which all three conditions are satisfied. The interrupt occurs after
3 machine cycles only when the three interrupt conditions are sat-
isfied on execution of other than one-cycle instructions (Refer to
Figure 16).
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com