Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 34Page - Renesas Technology Corp 4501 Datasheet HTML 35Page - Renesas Technology Corp 4501 Datasheet HTML 36Page - Renesas Technology Corp 4501 Datasheet HTML 37Page - Renesas Technology Corp 4501 Datasheet HTML 38Page - Renesas Technology Corp 4501 Datasheet HTML 39Page - Renesas Technology Corp 4501 Datasheet HTML 40Page - Renesas Technology Corp 4501 Datasheet HTML 41Page - Renesas Technology Corp 4501 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 212 page
background image
FUNCTION BLOCK OPERATIONS
1-26
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
TIMERS
The 4501 Group has the following timers.
• Programmable timer
The programmable timer has a reload register and enables the
frequency dividing ratio to be set. It is decremented from a set-
ting value n. When it underflows (count to n + 1), a timer interrupt
request flag is set to “1,” new data is loaded from the reload reg-
ister, and count continues (auto-reload function).
• Fixed dividing frequency timer
The fixed dividing frequency timer has the fixed frequency divid-
ing ratio (n). An interrupt request flag is set to “1” after every n
count of a count pulse.
Fig. 21 Auto-reload function
Count source
• Instruction clock
• Prescaler output (ORCLK)
• Timer 1 underflow
• Prescaler output (ORCLK)
• CNTR input
• System clock
• Instruction clock
Structure
Frequency divider
8-bit programmable
binary down counter
(link to INT input)
8-bit programmable
binary down counter
16-bit fixed dividing
frequency binary down
counter
Circuit
Prescaler
Timer 1
Timer 2
16-bit timer
Use of output signal
• Timer 1 and 2 count sources
• Timer 2 count source
• CNTR output
• Timer 1 interrupt
• CNTR output
• Timer 2 interrupt
• Watchdog timer
(The 16th bit is counted twice)
Frequency
dividing ratio
4, 16
1 to 256
1 to 256
65536
Control
register
W1
W1
W2
W6
W2
W6
The 4501 Group timer consists of the following circuits.
• Prescaler : frequency divider
• Timer 1 : 8-bit programmable timer
• Timer 2 : 8-bit programmable timer
(Timers 1 and 2 have the interrupt function, respectively)
• 16-bit timer
Prescaler and timers 1 and 2 can be controlled with the timer con-
trol registers W1, W2 and W6. The 16-bit timer is a free counter
which is not controlled with the control register.
Each function is described below.
Table 9 Function related timers
FF16
n
0016
n : Counter initial value
Count starts
Reload
Reload
1st underflow
2nd underflow
n+1 count
n+1 count
Time
An interrupt occurs or
a skip instruction is executed.
Timer interrupt
request flag
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com