Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 108Page - Renesas Technology Corp 4501 Datasheet HTML 109Page - Renesas Technology Corp 4501 Datasheet HTML 110Page - Renesas Technology Corp 4501 Datasheet HTML 111Page - Renesas Technology Corp 4501 Datasheet HTML 112Page - Renesas Technology Corp 4501 Datasheet HTML 113Page - Renesas Technology Corp 4501 Datasheet HTML 114Page - Renesas Technology Corp 4501 Datasheet HTML 115Page - Renesas Technology Corp 4501 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 212 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
INSTRUCTIONS
1-100
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
TABAD
TALA
TADAB
TAQ1
TQ1A
ADST
SNZAD
NOP
POF
POF2
EPOF
SNZP
DWDT
WRST
CMCK
CRCK
TAMR
TMRA
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
279
249
239
244
204
29F
287
000
002
008
05B
003
29C
2A 0
29A
29B
252
216
1001111001
1001001001
1000111001
1001000100
1000000100
1010011111
1010000111
0000000000
0000000010
0000001000
0001011011
0000000011
1010011100
1010100000
1010011010
1010011011
1001010010
1000010110
In A/D conversion mode (Q13 = 0),
(B)
← (AD9–AD6)
(A)
← (AD5–AD2)
In comparator mode (Q13 = 1),
(B)
← (AD7–AD4)
(A)
← (AD3–AD0)
(A3, A2)
← (AD1, AD0)
(A1, A0)
← 0
(AD7–AD4)
← (B)
(AD3–AD0)
← (A)
(A)
← (Q1)
(Q1)
← (A)
(ADF)
← 0
Q13 = 0: A/D conversion starting
Q13 = 1: Comparator operation starting
V22 = 0: (ADF) = 1 ?
After skipping, (ADF)
← 0
V22 = 1: SNZAD = NOP
(PC)
← (PC) + 1
RAM back-up
However, voltage drop detection circuit is valid
RAM back-up
POF or POF2 instruction valid
(P) = 1 ?
Stop of watchdog timer function enabled
(WDF1) = 1,
after skipping,
(WDF1)
← 0
Ceramic resonator selected
RC oscillation selected
(A)
← (MR)
(MR)
← (A)
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com