Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 188Page - Renesas Technology Corp 4501 Datasheet HTML 189Page - Renesas Technology Corp 4501 Datasheet HTML 190Page - Renesas Technology Corp 4501 Datasheet HTML 191Page - Renesas Technology Corp 4501 Datasheet HTML 192Page - Renesas Technology Corp 4501 Datasheet HTML 193Page - Renesas Technology Corp 4501 Datasheet HTML 194Page - Renesas Technology Corp 4501 Datasheet HTML 195Page - Renesas Technology Corp 4501 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 212 page
background image
3.2 Typical characteristics
3-23
4501 Group
APPENDIX
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
(2)
Detection voltage (One Tim PROM version)
Ta [°C]
(3)
Operation voltage (VDD–IRST) characteristics Ta = 25 °C
VDD [V]
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-40
-30
-20
-10
0
102030405060708090
100
0
10
20
30
40
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com