Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 23Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 24Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 25Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 26Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 27Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 188 page
background image
Memory
Data Sheet
MC68HC908RF2 — Rev. 4.0
24
Memory
MOTOROLA
$001A
IRQ and Keyboard Status
and Control Register
(INTKBSCR)
See page 101.
Read:
IRQF
0
IMASKI
MODEI
KEYF
0
IMASKK
MODEK
Write:
R
ACKI
R
ACKK
Reset:
00000000
$001B
Keyboard Interrupt Enable
Register (INTKBIER)
See page 102.
Read:
0
KBIE6
KBIE5
KBIE4
KBIE3
KBIE2
KBIE1
0
Write:
Reset:
00000000
$001C
↓
$001E
Unimplemented
$001F
Configuration Register
(CONFIG)
See page 43.
Read:
EXTSLOW
LVISTOP
LVIRST
LVIPWR
COPRS
SSREC
STOP
COPD
Write:
Reset:
00110000
$0020
Timer Status and Control
Register (TSC)
See page 143.
Read:
TOF
TOIE
TSTOP
00
PS2
PS1
PS0
Write:
0
TRST
Reset:
00100000
$0021
Timer Counter Register High
(TCNTH)
See page 141.
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$0022
Timer Counter Register Low
(TCNTL)
See page 141.
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$0023
Timer Counter Modulo
Register High (TMODH)
See page 142.
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
11111111
$0024
Timer Counter Modulo
Register Low (TMODL)
See page 142.
Read:
Bit 7
654321
Bit 0
Write:
Reset:
11111111
$0025
Timer Channel 0 Status and
Control Register (TSC0)
See page 143.
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00000000
$0026
Timer Channel 0 Register
High (TCH0H)
See page 146.
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
$0027
Timer Channel 0 Register
Low (TCH0L)
See page 146.
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Indeterminate after reset
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
R
= Reserved U = Unaffected X = Indeterminate
Figure 2-2. Control, Status, and Data Registers (Sheet 2 of 5)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com