| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 188 page ![]() Memory Data Sheet MC68HC908RF2 — Rev. 4.0 28 Memory MOTOROLA 2.4 Random-Access Memory (RAM) Addresses $0080–$00FF are RAM locations. The location of the stack RAM is programmable. NOTE: For correct operation, the stack pointer must point only to RAM locations. Before processing an interrupt, the CPU uses five bytes of the stack to save the contents of the CPU registers. NOTE: For M68HC05, M6805, and M146805 compatibility, the H register is not stacked. During a subroutine call, the CPU uses two bytes of the stack to store the return address. The stack pointer decrements during pushes and increments during pulls. NOTE: Be careful when using nested subroutines. The CPU could overwrite data in the RAM during a subroutine or during the interrupt stacking operation. 2.5 FLASH 2TS Memory This section describes the operation of the embedded FLASH 2TS memory. This memory can be read, programmed, and erased from a single external supply. The program and erase operations are enabled through the use of an internal charge pump. The FLASH 2TS memory is appropriately named to describe its 2-transistor source-select bit cell. The FLASH 2TS memory is an array of 2031 bytes with an additional 14 bytes of user vectors and one byte for block protection. An erased bit reads as a 0 and a programmed bit reads as a 1. The address ranges for the user memory, control register, and vectors are: • $7800–$7FEE, user space • $7FEF, reserved — optional ICG trim value, see 6.7.3 ICG Trim Register • $FFF0, block protect register • $FE08, FLASH 2TS control register • $FFF2–$FFFF, these locations are reserved for user-defined interrupt and reset vectors This list is the row architecture for the user space array: $7800–$7807 (Row 0) $7808–$780F (Row 1) $7810–$7817 (Row 2) $7818–$781F (Row 3) $7820–$7827 (Row 4) ------------------------------------ $7FE8–$7FEF (Row 253) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |