Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 43Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 44Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 45Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 46Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 47Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 188 page
background image
Configuration Register (CONFIG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
44
Configuration Register (CONFIG)
MOTOROLA
frequency higher (307.2 kHz–32 MHz) or lower (60 Hz–307.2 kHz) than the
base frequency of the internal oscillator. (See Section 6. Internal Clock
Generator Module (ICG).)
1 = ICG set for slow external crystal operation
0 = ICG set for fast external crystal operation
LVISTOP — LVI Enable in Stop Mode Bit
When the LVIPWR bit is set, setting the LVISTOP bit enables the LVI to operate
during stop mode. Reset clears LVISTOP.
1 = LVI enabled during stop mode
0 = LVI disabled during stop mode
LVIRST — LVI Reset Enable Bit
LVIRST enables the reset signal from the LVI module. (See Section 8.
Low-Voltage Inhibit (LVI).)
1 = LVI module resets enabled
0 = LVI module resets disabled
LVIPWR — LVI Power Enable Bit
LVIPWR disables the LVI module. (See Section 8. Low-Voltage Inhibit (LVI).)
1 = LVI module power enabled
0 = LVI module power disabled
COPRS — COP Rate Select Bit
COPRS selects the COP timeout period. Reset clears COPRS. (See Section 4.
Computer Operating Properly Module (COP).)
1 = COP timeout period = 213 – 24 CGMXCLK cycles
0 = COP timeout period = 218 – 24 CGMXCLK cycles
SSREC — Short Stop Recovery Bit
SSREC enables the CPU to exit stop mode with a delay of 32 CGMXCLK cycles
instead of a 4096-CGMXCLK cycle delay.
1 = Stop mode recovery after 32 CGMXCLK cycles
0 = Stop mode recovery after 4096 CGMXCLK cycles
NOTE:
Exiting stop mode by pulling reset will result in the long stop recovery.
If using the internal clock generator module or an external crystal oscillator, do not
set the SSREC bit.
The LVI has an enable time of tEN. The system stabilization time for power-on reset
and long stop recovery (both 4096 CGMXCLK cycles) gives a delay longer than the
LVI enable time for these startup scenarios. There is no period where the MCU is
not protected from a low-power condition. However, when using the short stop
recovery configuration option, the 32 CGMXCLK delay must be greater than the
LVI’s turn on time to avoid a period in startup where the LVI is not protecting the
MCU.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com