Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 11Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 12Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 13Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 14Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 15Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 188 page
background image
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
General Description
15
Data Sheet — MC68HC908RF2
Section 1. General Description
1.1 Introduction
The MC68HC908RF2 MCU is a member of the low-cost, high-performance
M68HC08 Family of 8-bit microcontroller units (MCUs). Optimized for low-power
operation and available in a small 32-pin low-profile quad flat pack (LQFP), this
MCU is well suited for remote keyless entry (RKE) transmitter designs.
All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08)
and are available with a variety of modules, memory sizes and types, and package
types.
1.2 Features
Features MCU include:
•
High-performance M68HC08 architecture
•
Fully upward-compatible object code with M6805, M146805, and M68HC05
Families
•
Maximum internal bus frequency of 4 MHz at 3.3 volts
•
Maximum internal bus frequency of 2 MHz at 1.8 volts
•
Internal oscillator requiring no external components:
–
Software selectable bus frequencies
–
± 25 percent accuracy with trim capability to ±2 percent
–
Option to allow use of external clock source or external crystal/ceramic
resonator
•
2 Kbytes of on-chip FLASH memory
•
FLASH program memory security(1)
•
128 bytes of on-chip RAM
•
16-bit, 2-channel timer interface module (TIM)
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the FLASH difficult for unauthorized users.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com