Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 87Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 88Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 188 page
background image
Internal Clock Generator Module (ICG)
Low-Power Modes
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
85
The method of changing the unadjusted operating point is by changing the size of
the capacitor. This capacitor is designed with 639 equally sized units, 384 of which
are always connected. The remaining 255 units are put in by adjusting the ICG trim
factor (TRIM). The default value for TRIM is $80, or 128 units, making the default
capacitor size 512. Each unit added or removed will adjust the output frequency by
about
±0.195 percent of the unadjusted frequency (adding to TRIM will decrease
frequency). Therefore, the frequency of IBASE can be changed to
±25 percent of
its unadjusted value, which is enough to cancel the process variability mentioned
before.
The best way to trim the internal clock is to use the timer to measure the width of
an input pulse on an input capture pin (this pulse must be supplied by the
application and should be as long or wide as possible). Considering the prescale
value of the timer and the theoretical (zero error) frequency of the bus (307.2 kHz
*N/4), the error can be calculated. This error, expressed as a percentage, can be
divided by 0.195 percent and the resultant factor added or subtracted from TRIM.
This process should be repeated to eliminate any residual error.
NOTE:
It is recommended that the user preserve a copy of the contents of the ICG trim
register (ICGTR) in non-volitale memory.
Address $7FEF is reserved for an optional factory-determined value. Consult with
a local Motorola representative for more information and availability of this option.
6.5 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-consumption standby
modes.
6.5.1 Wait Mode
The ICG remains active in wait mode. If enabled, the ICG interrupt to the CPU can
bring the MCU out of wait mode.
In some applications, low-power consumption is desired in wait mode and a
high-frequency clock is not needed. In these applications, reduce power
consumption by either selecting a low-frequency external clock and turning the
internal clock generator off, or reducing the bus frequency by minimizing the ICG
multiplier factor (N) before executing the WAIT instruction.
6.5.2 Stop Mode
The ICG is disabled in stop mode. Upon execution of the STOP instruction, all ICG
activity will cease and the output clocks (CGMXCLK and CGMOUT) will be held
low. Power consumption will be minimal.
The STOP instruction does not affect the values in the ICG registers. Normal
execution will resume after the MCU exits stop mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com