Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 63Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 68Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 188 page
background image
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
65
Data Sheet — MC68HC908RF2
Section 6. Internal Clock Generator Module (ICG)
6.1 Introduction
The internal clock generator module (ICG) is used to create a stable clock source
for the microcontroller without using any external components. The ICG generates
the oscillator output clock (CGMXCLK), which is used by the COP, LVI, and other
modules. The ICG also generates the clock generator output (CGMOUT), which is
fed to the system integration module (SIM) to create the bus clocks. The bus
frequency will be one-fourth the frequency of CGMXCLK and one-half the
frequency of CGMOUT.
6.2 Features
The ICG has these features:
•
External clock generator, either 1-pin external source or 2-pin crystal
•
Internal clock generator with programmable frequency output in integer
multiples of a nominal frequency (307.2 kHz
±25 percent)
•
Frequency adjust (trim) register to improve variability to
±2 percent
•
Bus clock software selectable from either internal or external clock
•
Clock monitor for both internal and external clocks
6.3 Functional Description
The ICG, shown in Figure 6-1, contains these major submodules:
•
Clock enable circuit
•
Internal clock generator
•
External clock generator
•
Clock monitor circuit
•
Clock selection circuit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com