Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 188 page
background image
Internal Clock Generator Module (ICG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
78
Internal Clock Generator Module (ICG)
MOTOROLA
6.4.3 Clock Monitor Interrupts
The clock monitor circuit can be used to recover from perilous situations such as
crystal loss. To use the clock monitor effectively, these notes should be observed:
•
Enable the clock monitor and clock monitor interrupts.
•
The first statement in the clock monitor interrupt service routine should be a
read to the ICG control register (ICGCR) to verify that the clock monitor flag
(CMF) is set. This is also the first step in clearing the CMF bit.
•
Never use BSET or BCLR instructions on the ICGCR, as this may
inadvertently clear CMF. Only use the BRSET and BRCLR instructions to
check the CMF bit and not to check any other bits in the ICGCR.
•
When the clock monitor detects inactivity on the selected clock source
(defined by the CS bit of the ICG control register), the inactive clock is
deselected automatically and the remaining active clock is selected as the
source for CGMXCLK. The interrupt service routine can use the state of the
CS bit to check which clock is inactive.
•
When the clock monitor detects inactivity, the application may have been
subjected to extreme conditions which may have affected other circuits. The
clock monitor interrupt service routine should take any appropriate
precautions.
6.4.4 Quantization Error in DCO Output
The digitally controlled oscillator (DCO) is comprised of three major sub-blocks:
1.
Binary weighted divider
2.
Variable-delay ring oscillator
3.
Ring oscillator fine-adjust circuit
Each of these blocks affects the clock period of the internal clock (ICLK). Since
these blocks are controlled by the digital loop filter (DLF) outputs DDIV and DSTG,
the output of the DCO can change only in quantized steps as the DLF increments
or decrements its output. The following sections describe how each block will affect
the output frequency.
6.4.4.1 Digitally Controlled Oscillator
The digitally controlled oscillator (DCO) is an inaccurate oscillator which generates
the internal clock (ICLK), whose clock period is dependent on the digital loop filter
outputs (DSTG[7:0] and DDIV[3:0]). Because of the digital nature of the DCO, the
clock period of ICLK will change in quantized steps. This will create a clock period
difference or quantization error (Q-ERR) from one cycle to the next. Over several
cycles or for longer periods, this error is divided out until it reaches a minimum error
of 0.202 percent to 0.368 percent. The dependence of this error on the DDIV[3:0]
value and the number of cycles the error is measured over is shown in Table 6-3.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com