Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 30Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 33Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 188 page
background image
Memory
Data Sheet
MC68HC908RF2 — Rev. 4.0
34
Memory
MOTOROLA
2.5.5 FLASH 2TS Block Protection
NOTE:
In performing a program or erase operation, the FLASH 2TS block protect register
must be read after setting the PGM or ERASE bit and before asserting the HVEN
bit.
Due to the ability of the on-board charge pump to erase and program the FLASH
2TS memory in the target application, provision is made for protecting blocks of
memory from unintentional erase or program operations due to system
malfunction. This protection is implemented by a reserved location in the memory
for block protect information. This block protect register must be read before setting
HVEN = 1. When the block protect register is read, its contents are latched by the
FLASH 2TS control logic. If the address range for an erase or program operation
includes a protected block, the PGM or ERASE bit is cleared which prevents the
HVEN bit in the FLASH 2TS control register from being set such that no
high-voltage operation is allowed in the array.
When the block protect register is erased (all 0s), the entire memory is accessible
for program and erase. When bits within the register are programmed, they lock
blocks of memory address ranges as shown in 2.5.6 FLASH 2TS Block Protect
Register. The block protect register itself can be erased or programmed only with
an external voltage VTST present on the IRQ pin. The presence of VTST on the IRQ
pin also allows entry into monitor mode out of reset. Therefore, the ability to change
the block protect register is voltage-level dependent and can occur in either user or
monitor modes.
2.5.6 FLASH 2TS Block Protect Register
The block protect register (FLBPR) is implemented as a byte within the FLASH 2TS
memory. Each bit, when programmed, protects a range of addresses in the FLASH
2TS.
BPR3 — Block Protect Register Bit 3
This bit protects the memory contents in the address ranges $7A00–$7FEF and
$FFF0–$FFFF.
1 = Address range protected from erase or program
0 = Address range open to erase or program
Address:
$FFF0
Bit 7
654321
Bit 0
Read:
RRRR
BPR3
BPR2
BPR1
BPR0
Write:
Reset:
Unaffected by reset
R= Reserved
Figure 2-5. FLASH 2TS Block Protect Register (FLBPR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com