Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 59Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 63Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 188 page
background image
Central Processor Unit (CPU)
Opcode Map
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Central Processor Unit (CPU)
63
5.8 Opcode Map
See Table 5-2.
SWI
Software Interrupt
PC
← (PC) + 1; Push (PCL)
SP
← (SP) – 1; Push (PCH)
SP
← (SP) – 1; Push (X)
SP
← (SP) – 1; Push (A)
SP
← (SP) – 1; Push (CCR)
SP
← (SP) – 1; I ← 1
PCH
← Interrupt Vector High Byte
PCL
← Interrupt Vector Low Byte
––1– –– INH
83
9
TAP
Transfer A to CCR
CCR
← (A)
INH
84
2
TAX
Transfer A to X
X
← (A)
–––– –– INH
97
1
TPA
Transfer CCR to A
A
← (CCR)
–––– –– INH
85
1
TST opr
TSTA
TSTX
TST opr,X
TST ,X
TST opr,SP
Test for Negative or Zero
(A) – $00 or (X) – $00 or (M) – $00
0 – –
–
DIR
INH
INH
IX1
IX
SP1
3D
4D
5D
6D
7D
9E6D
dd
ff
ff
3
1
1
3
2
4
TSX
Transfer SP to H:X
H:X
← (SP) + 1
–––– –– INH
95
2
TXA
Transfer X to A
A
← (X)
–––– –– INH
9F
1
TXS
Transfer H:X to SP
(SP)
← (H:X) – 1
–––– –– INH
94
2
WAIT
Enable Interrupts; Wait for Interrupt
I bit
← 0; Inhibit CPU clocking
until interrupted
––0– –– INH
8F
1
A
Accumulator
n
Any bit
C
Carry/borrow bit
opr
Operand (one or two bytes)
CCR
Condition code register
PC
Program counter
dd
Direct address of operand
PCH
Program counter high byte
dd rr
Direct address of operand and relative offset of branch instruction
PCL
Program counter low byte
DD
Direct to direct addressing mode
REL
Relative addressing mode
DIR
Direct addressing mode
rel
Relative program counter offset byte
DIX+
Direct to indexed with post increment addressing mode
rr
Relative program counter offset byte
ee ff
High and low bytes of offset in indexed, 16-bit offset addressing
SP1
Stack pointer, 8-bit offset addressing mode
EXT
Extended addressing mode
SP2
Stack pointer 16-bit offset addressing mode
ff
Offset byte in indexed, 8-bit offset addressing
SP
Stack pointer
H
Half-carry bit
U
Undefined
H
Index register high byte
V
Overflow bit
hh ll
High and low bytes of operand address in extended addressing
X
Index register low byte
I
Interrupt mask
Z
Zero bit
ii
Immediate operand byte
&
Logical AND
IMD
Immediate source to direct destination addressing mode
|
Logical OR
IMM
Immediate addressing mode
⊕
Logical EXCLUSIVE OR
INH
Inherent addressing mode
( )
Contents of
IX
Indexed, no offset addressing mode
–( )
Negation (two’s complement)
IX+
Indexed, no offset, post increment addressing mode
#
Immediate value
IX+D
Indexed with post increment to direct addressing mode
«
Sign extend
IX1
Indexed, 8-bit offset addressing mode
←
Loaded with
IX1+
Indexed, 8-bit offset, post increment addressing mode
?
If
IX2
Indexed, 16-bit offset addressing mode
:
Concatenated with
M
Memory location
Set or cleared
N
Negative bit
—
Not affected
Table 5-1. Instruction Set Summary (Sheet 7 of 7)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com