Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 68Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 69Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 188 page
background image
Internal Clock Generator Module (ICG)
Functional Description
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
71
The amplifier is enabled when the ECGON bit is set and stop mode is not enabled.
When the amplifier is enabled, it will be connected between the OSC1 and OSC2
pins. In its typical configuration, the external oscillator requires five external
components:
1.
Crystal, X1
2.
Fixed capacitor, C1
3.
Tuning capacitor, C2 (can also be a fixed capacitor)
4.
Feedback resistor, RB
5.
Series resistor, RS (included in the diagram to follow strict Pierce oscillator
guidelines and may not be required for all ranges of operation, especially
with high frequency crystals). Refer to the crystal manufacturer’s data for
more information.
6.3.3.2 External Clock Input Path
The external clock input path is the means by which the microcontroller uses an
external clock source. The input to the path is the OSC1 pin and the output is the
external clock (ECLK). The path, which contains input buffering, is enabled when
the ECGON bit is set and stop mode is not enabled.
6.3.4 Clock Monitor Circuit
The ICG contains a clock monitor circuit which, when enabled, will continuously
monitor both the external clock (ECLK) and the internal clock (ICLK) to determine
if either clock source has failed based on these conditions:
•
Either ICLK or ECLK has stopped.
•
The frequency of IBASE < frequency EREF divided by 4
•
The frequency of ECLK < frequency of IREF divided by 4
Using the clock monitor requires both clocks to be active (ECGON and ICGON are
both set). To enable the clock monitor, both clocks must also be stable (ECGS and
ICGS both set). This is to prevent the use of the clock monitor when a clock is first
turned on and potentially unstable
NOTE:
Although the clock monitor can be enabled only when the both clocks are stable
(ICGS or ECGS is set), the clock monitor will remain enabled if one of the clocks
goes unstable.
The clock monitor only works if the external slow (EXTSLOW) bit in the
configuration register is properly defined with respect to the external frequency
source.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com