| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 188 page ![]() Memory Data Sheet MC68HC908RF2 — Rev. 4.0 36 Memory MOTOROLA The functions shown in Table 2-4 accept data through the CPU registers and global variables in RAM. Table 2-5 shows the RAM locations that are used for passing parameters. 2.5.8 Embedded Function Descriptions This subsection describes the embedded functions. 2.5.8.1 RDVRRNG Routine Name: RDVRRNG Purpose: Read and/or verify a range of FLASH memory Entry conditions: H:X Contains the first address of the range LADDR Contains the last address of the range DATA Contains the data to compare the read data against for read/verify to RAM only (length is user determined) ACC Non-zero for read/verify to RAM, 0 for output to PA0 Exit conditions: C bit Set if good compare for read/verify to RAM only ACC Contains checksum DATA Contains read FLASH data for read/verify to RAM only Ready/verify RAM option: This subroutine both compares data passed in the DATA array to the FLASH data and reads the data from FLASH into the DATA array. It also calculates the checksum of the data. Output to PA0 option: This subroutine dumps the data from the range to PA0 in the same format as monitor data. It also calculates the checksum of the data. NOTE: This serial dump does not circumvent security because the security vectors must still be passed to make FLASH readable in monitor mode. Table 2-5. Embedded FLASH Routine Global Variables Variable Location Variable Address(1) 1. RAMSTART is defined as the starting address of the RAM in the memory map. This is address $0080. CTRLBYT RAMSTART + 8 CPUSPD RAMSTART + 9 LADDR RAMSTART + 10 BUMPS RAMSTART + 12 DERASE RAMSTART + 13 DATA RAMSTART + 15 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |