Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 23Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 24Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 25Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 26Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 27Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 188 page
background image
Memory
Data Sheet
MC68HC908RF2 — Rev. 4.0
26
Memory
MOTOROLA
$FE01
SIM Reset Status Register
(SRSR)
See page 127.
Read:
POR
PIN
COP
ILOP
ILAD
0
LVI
0
Write:
POR:
1
XXXXXXX
$FE02
SIM Break Flag Control
Register (SBFCR)
See page 128.
Read:
BCFE
RRRRRRR
Write:
Reset:
00000000
$FE03
↓
$FE04
Reserved
RRRRRRRR
$FE05
↓
$FE07
Unimplemented
$FE08
FLASH 2TS Control
Register (FLCR)
See page 29.
Read:
0
FDIV0
BLK1
BLK0
HVEN
MARGIN
ERASE
PGM
Write:
Reset:
00000000
$FE09
Reserved
RRRRRRRR
$FE0A
↓
$FE0B
Unimplemented
$FE0C
Break Address Register High
(BRKH)
See page 161.
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$FE0D
Break Address Register Low
(BRKL)
See page 161.
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$FE0E
Break Status and Control
Register (BSCR)
See page 160.
Read:
BRKE
BRKA
000000
Write:
Reset:
00000000
$FE0F
LVI Status Register
(LVISR)
See page 105.
Read:
LVIOUT
0
LOWV
00000
Write:
Reset:
00000000
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
R
= Reserved U = Unaffected X = Indeterminate
Figure 2-2. Control, Status, and Data Registers (Sheet 4 of 5)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com