Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 87Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 88Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 89Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 90Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 188 page
background image
Internal Clock Generator Module (ICG)
I/O Registers
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
87
$0038
Internal Clock Generator
Trim Register (ICGTR)
See page 90.
Read:
TRIM7
TRIM6
TRIM5
TRIM4
TRIM3
TRIM2
TRIM1
TRIM0
Write:
Reset:
10000000
$0039
ICG DCO Divider Control
Register (ICGDVR)
See page 91.
Read:
RRRR
DDIV3
DDIV2
DDIV1
DDIV0
Write:
Reset:
0000
UUUU
$003A
ICG DCO Stage Register
(ICGDSR)
See page 91.
Read:
DSTG7
DSTG6
DSTG5
DSTG4
DSTG3
DSTG2
DSTG1
DSTG0
Write:
Reset:
Unaffected by reset
= Unimplemented
R
= Reserved
U = Unaffected
Addr.
Register Name
Bit 7
654321
Bit 0
Figure 6-10. ICG I/O Register Summary (Continued)
Table 6-5. ICG Module Register Bit Interaction Summary
Condition
Register Big Results for Given Condition
CMIE CMF CMON CS ICGON ICGS ECGON ECGS N[6:0] TRIM[7:0] DDIV[3:0] DSTG[7:0]
Reset
0
0
0
0
1
0
0
0
$15
$80
—
—
CMF = 1
—
(1)
1
—
1
—
1
—
uw
uw
uw
uw
CMON = 0
0
0
(0)
—
—
—
—
—
—
—
—
—
CMON = 1
—
—
(1)
—
1
—
1
—
uw
uw
uw
uw
CS = 0
—
—
—
(0)
1
—
—
—
—
—
uw
uw
CS = 1
—
—
—
(1)
—
—
1
—
—
—
—
—
ICGON = 0
0
0
0
1
(0)
0
1
—
—
—
—
—
ICGON = 1
—
—
—
—
(1)
—
—
—
—
—
uw
uw
ICGS = 0
us
—
us
uc
—
(0)
—
—
—
—
—
—
ECGON = 0
0
0
0
0
1
—
(0)
0
—
—
uw
uw
ECGS = 0
us
—
us
us
—
—
—
(0)
—
—
—
—
IOFF = 1
—
1*
(1)
1
(1)
0
(1)
—
uw
uw
uw
uw
EOFF = 1
—
1*
(1)
0
(1)
—
(1)
0
uw
uw
uw
uw
N = written
(0)
(0)
(0)
—
—
0*
—
—
—
—
—
—
TRIM = written
(0)
(0)
(0)
—
—
0*
—
—
—
—
—
—
— Register bit is unaffected by the given condition.
0, 1 Register bit is forced clear or set, respectively, in the given condition.
0*, 1* Register bit is temporarily forced clear or set, respectively, in the given condition.
(0), (1) Register bit must be clear or set, respectively, for the given condition to occur.
us, uc, uw Register bit cannot be set, cleared, or written, respectively, in the given condition.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com