Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 87Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 88Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 89Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 90Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 91Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 188 page
background image
Internal Clock Generator Module (ICG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
88
Internal Clock Generator Module (ICG)
MOTOROLA
6.7.1 ICG Control Register
The ICG control register (ICGCR) contains the control and status bits for the
internal clock generator, external clock generator, and clock monitor as well as the
clock select and interrupt enable bits.
CMIE — Clock Monitor Interrupt Enable Bit
This read/write bit enables clock monitor interrupts. An interrupt will occur when
both CMIE and CMF are set. CMIE can be set when the CMON bit has been set
for at least one cycle. CMIE is forced clear when CMON is clear or during reset.
1 = Clock monitor interrupts enabled
0 = Clock monitor interrupts disabled
CMF — Clock Monitor Interrupt Flag
This read-only bit is set when the clock monitor determines that either ICLK or
ECLK becomes inactive and the CMON bit is set. This bit is cleared by first
reading the bit while it is set, followed by writing the bit low. This bit is forced
clear when CMON is clear or during reset.
1 = Either ICLK or ECLK has become inactive.
0 = ICLK and ECLK have not become inactive since the last read of the
ICGCR or the clock monitor is disabled.
CMON — Clock Monitor On Bit
This read/write bit enables the clock monitor. CMON can be set when both ICLK
and ECLK have been on and stable for at least one bus cycle (ICGON, ECGON,
ICGS, and ECGS are all set). CMON is forced set when CMF is set, to avoid
inadvertent clearing of CMF. CMON is forced clear when either ICGON or
ECGON is clear or during reset.
1 = Clock monitor output enabled
0 = Clock monitor output disabled
Address: $0036
Bit 7
654321
Bit 0
Read:
CMIE
CMF
CMON
CS
ICGON
ICGS
ECGON
ECGS
Write:
Reset:
00001000
= Unimplemented
Figure 6-11. ICG Control Register (ICGCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com