Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 91Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 92Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 93Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 94Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 95Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 96Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 97Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 98Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 188 page
background image
Keyboard/External Interrupt Module (KBI)
Functional Description
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Keyboard/External Interrupt Module (KBI)
95
Figure 7-2. IRQ Block Diagram
Interrupt signals on the IRQ pin are latched into the IRQ1 latch. Keyboard interrupts
are latched in the keyboard interrupt latch. An interrupt latch remains set until one
of these actions occurs:
•
Vector fetch — A vector fetch automatically generates an interrupt
acknowledge signal that clears IRQ1 latch and keyboard interrupt latch.
•
Software clear — Software can clear an interrupt latch by writing to the
appropriate acknowledge bit in the interrupt status and control register
(INTKBSCR). Writing a 1 to the ACKI bit clears the IRQ1 latch. Writing a 1
to the ACKK bit clears the keyboard interrupt latch.
•
Reset — A reset automatically clears both interrupt latches.
ACKI
IMASKI
DQ
CK
CLR
IRQ1
HIGH
INTERRUPT
TO MODE
SELECT
LOGIC
IRQ1
LATCH
REQUEST
IRQ
VDD
MODEI
VOLTAGE
DETECT
SYNCHRO-
NIZER
IRQ1F
TO CPU FOR
BIL/BIH
INSTRUCTIONS
VECTOR
FETCH
DECODER
VDD
KEYBOARD
INTERRUPT
REQUEST
IRQ1/KEYBOARD
INTERRUPT
REQUEST
INTERNAL
PULLUP
DEVICE
RESET
Addr.
Register Name
Bit 7
654321
Bit 0
$001A
IRQ and Keyboard Status
and Control Register
(INTKBSCR)
See page 101.
Read:
IRQ1F
0
IMASKI
MODEI
KEYF
0
IMASKK
MODEK
Write:
R
ACKI
R
ACKK
Reset:
00000000
$001B
Keyboard Interrupt Enable
Register (INTKBIER)
See page 102.
Read:
0
KBIE6
KBIE5
KBIE4
KBIE3
KBIE2
KBIE1
0
Write:
Reset:
00000000
= Unimplemented
R
= Reserved
Figure 7-3. IRQ and Keyboard I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com