Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 68Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 69Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 188 page
background image
Internal Clock Generator Module (ICG)
Functional Description
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
69
6.3.2.4 Digital Loop Filter
The digital loop filter (DLF) uses the outputs of the frequency comparator to adjust
the internal clock (ICLK) clock period. The DLF generates the DCO divider control
bits (DDIV[3:0]) and the DCO stage control bits (DSTG[7:0]), which are fed to the
DCO. The DLF first concatenates the DDIV and DSTG registers
(DDIV[3:0]:DSTG[7:0]) and then adds or subtracts a value dependent on the
relative error in the low-frequency base clock’s period, as shown in Table 6-1. In
some extreme error conditions, such as operating at a VDD level which is out of
specification, the DLF may attempt to use a value above the maximum ($9FF) or
below the minimum ($000). In both cases, the value for DDIV will be between $A
and $F. In this range, the DDIV value will be interpreted the same as $9 (the
slowest condition). Recovering from this condition requires subtracting (increasing
frequency) in the normal fashion until the value is again below $9FF (if the desired
value is $9xx, the value may settle at $Axx through $Fxx, an acceptable operating
condition). If the error is less than
±5 percent, the internal clock generator’s filter
stable indicator (FICGS) is set, indicating relative frequency accuracy to the clock
monitor.
Table 6-1. Correction Sizes from DLF to DCO
Frequency Error
of IBASE Compared
to fNOM
DDVI[3:0]:DSTG[7:0]
Correction
Current to New
DDIV[3:0]:DSTG[7:0]
Relative Correction
in DCO
IBASE < 0.85 fNOM
–32 (–$020)
Min
$xFF to $xDF
–2/31
–6.45%
Max
$x20 to $x00
–2/19
–10.5%
0.85 fNOM < IBASE
IBASE < 0.95 fNOM
–8 (–$008)
Min
$xFF to $xF7
–0.5/31
–1.61%
Max
$x08 to $x00
–0.5/17.5
–2.86%
0.95 fNOM < IBASE
IBASE < fNOM
–1 (–$001)
Min
$xFF to $xFE
–0.0625/31
–0.202%
Max
$x01 to $x00
–0.0625/17.0625
–0.366%
fNOM < IBASE
IBASE < 1.05 fNOM
+1 (+$001)
Min
$xFE to $xFF
+0.0625/30.9375
+0.202%
Max
$x00 to $x01
+0.0625/17
+0.368%
1.05 fNOM < IBASE
IBASE < 1.15 fNOM
+8 (+$008)
Min
$xF7 to $xFF
+0.5/30.5
+1.64%
Max
$x00 to $x08
+0.5/17
+2.94%
1.15 fNOM < IBASE
+32 (+$020)
Min
$xDF to $xFF
+2/29
+6.90%
Max
$x00 to $x20
+2/17
+11.8%
x: Maximum error is independent of value in DDIV[3:0]. DDIV increments or decrements when an addition to DSTG[7:0]
carries or borrows.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com