Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 43Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 44Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 45Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 46Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 188 page
background image
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Configuration Register (CONFIG)
43
Data Sheet — MC68HC908RF2
Section 3. Configuration Register (CONFIG)
3.1 Introduction
This section describes the configuration register (CONFIG). The configuration
register enables or disables these options:
•
Stop mode recovery time (32 CGMXCLK cycles or 4,096 CGMXCLK cycles)
•
COP timeout period (218 – 24 or 213 – 24 CGMXCLK cycles)
•STOP instruction
•
Computer operating properly module (COP)
•
Low-voltage inhibit (LVI) module control
3.2 Functional Description
The CONFIG register is used in the initialization of various options and can be
written once after each reset. The register is set to the documented value during
reset. Since the various options affect the operation of the MCU, it is recommended
that these registers be written immediately after reset. The configuration register is
located at $001F.
NOTE:
On a FLASH device, the options are one-time writable by the user after each reset.
The CONFIG register is not in the FLASH memory but is a special register
containing one-time writable latches after each reset. Upon a reset, the CONFIG
register defaults to predetermined settings as shown in Figure 2-1. Memory Map.
EXTSLOW — Slow External Crystal Enable Bit
The EXTSLOW bit has two functions. It configures the ICG module for a fast
(1 MHz–8 MHz) or slow (30 kHz–100 kHz) speed crystal. The option also
configures the clock monitor operation in the ICG module to expect an external
Address: $001F
BIt 7
654321
Bit 0
Read:
EXTSLOW
LVISTOP
LVIRST
LVIPWR
COPRS
SSREC
STOP
COPD
Write:
Reset:
0
0110000
Figure 3-1. Configuration Register (CONFIG)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com