Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 188 page
background image
Internal Clock Generator Module (ICG)
Usage Notes
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
81
6.4.6 Nominal Frequency Settling Time
Because the clock period of the internal clock (ICLK) is dependent on the digital
loop filter outputs (DDIV and DSTG) which cannot change instantaneously, ICLK
will temporarily operate at an incorrect clock period when any of the operating
condition changes. This happens whenever the part is reset, the ICG multiply factor
(N) is changed, the ICG trim factor (TRIM) is changed, or the internal clock is
enabled after inactivity (STOP or disabled operation). The time that the ICLK takes
to adjust to the correct period is known as the settling time.
Settling time depends primarily on how many corrections it takes to change the
clock period, and the period of each correction. Since the corrections require four
periods of the low-frequency base clock (4*tIBASE), and since ICLK is N (the ICG
multiply factor for the desired frequency) times faster than IBASE, each correction
takes 4*N*tICLK. The period of ICLK, however, will vary as the corrections occur.
6.4.6.1 Settling to Within 15 Percent
When the error is greater than 15 percent, the filter takes eight corrections to
double or halve the clock period. Due to how the DCO increases or decreases the
clock period, the total period of these eight corrections is approximately 11 times
the period of the fastest correction. (If the corrections were perfectly linear, the total
period would be 11.5 times the minimum period; however, the ring must be slightly
non-linear.) Therefore, the total time it takes to double or halve the clock period is
44*N*tICLKFAST.
If the clock period needs more than doubled or halved, the same relationship
applies, only for each time the clock period needs doubled, the total number of
cycles doubles.
That is, when transitioning from fast to slow:
•
Going from the initial speed to half speed takes 44*N*tICLKFAST
•
From half speed to quarter speed takes 88*N*tICLKFAST
•
Going from quarter speed to eighth speed takes 176*N*tICLKFAST, and so
on.
This series can be expressed as (2x–1)*44*N*tICLKFAST, where x is the number of
times the speed needs doubled or halved. Since 2x happens to be equal to
tICLKSLOW/tICLKFAST, the equation reduces to 44*N*(tICLKSLOW-tICLKFAST). Note
that increasing speed takes much longer than decreasing speed since N is higher.
This can be expressed in terms of the initial clock period (t1) minus the final clock
period (t2) as such:
t
15
abs 44N t
1
t
2
–
()
[]
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com