Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 87Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 88Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 89Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 188 page
background image
Internal Clock Generator Module (ICG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
86
Internal Clock Generator Module (ICG)
MOTOROLA
6.6 Configuration Register Option
One configuration register option affects the functionality of the ICG: EXTSLOW
(slow external clock).
All configuration register options will have a default setting. Refer to Section 3.
Configuration Register (CONFIG) on how the configuration register is used.
6.6.1 EXTSLOW
Slow external clock (EXTSLOW), when set, will decrease the drive strength of the
oscillator amplifier, enabling low-frequency crystal operation (30 kHz–100 kHz).
When clear, EXTSLOW enables high frequency crystal operation (1 MHz to
8MHz).
EXTSLOW, when set, also configures the clock monitor to expect an external clock
source that is slower than the low-frequency base clock (60 Hz–307.2 kHz). When
EXTSLOW is clear, the clock monitor will expect an external clock faster than the
low-frequency base clock (307.2 kHz–32 MHz).
The default state for this option is clear.
6.7 I/O Registers
The ICG contains five registers, summarized in Figure 6-10. These registers are:
•
ICG control register, ICGCR
•
ICG multiplier register, ICGMR
•
ICG trim register, ICGTR
•
ICG DCO divider control register, ICGDVR
•
ICG DCO stage control register, ICGDSR
Several of the bits in these registers have interaction where the state of one bit may
force another bit to a particular state or prevent another bit from being set or
cleared. A summary of this interaction is shown in Table 6-5.
Addr.
Register Name
Bit 7
654321
Bit 0
$0036
Internal Clock Generator
Control Register (ICGCR)
See page 88.
Read:
CMIE
CMF
CMON
CS
ICGON
ICGS
ECGON
ECGS
Write:
Reset:
00001000
$0037
Internal Clock Generator
Multiplier Register (ICGMR)
See page 90.
Read:
R
N6N5
N4N3N2N1N0
Write:
Reset:
00010101
Figure 6-10. ICG I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com