Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 25Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 26Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 27Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 30Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 188 page
background image
Memory
FLASH 2TS Memory
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Memory
29
Program and erase operations are facilitated through control bits in a memory
mapped register. Details for these operations appear later in this section. Memory
in the FLASH 2TS array is organized into pages within rows. For the 2-Kbyte array
on the MC68HC908RF2, the page size is one byte. There are eight pages (or eight
bytes) per row. Programming operations are performed on a page basis, one byte
at a time. Erase operations are performed on a block basis. The minimum block
size is one row of eight bytes. Refer to Table 2-3 for additional block size options.
NOTE:
Sometimes a program disturb condition, in which case an erased bit on the row
being programmed unintentionally becomes programmed, occurs. The embedded
smart programming algorithm implements a margin read technique to avoid
program disturb. The margin read step of the smart programming algorithm is used
to ensure programmed bits are programmed to sufficient margin for data retention
over the device’s lifetime. In the application code, perform an erase operation after
eight program operations (on the same row) to further avoid program disturb.
For availability of programming tools and more information, contact a local
Motorola representative.
NOTE:
A security feature prevents viewing of the FLASH 2TS contents.(1)
2.5.1 FLASH 2TS Control Register
The FLASH 2TS control register (FLCR) controls program, erase, and margin read
operations.
FDIV0 — Frequency Divide Control Bit
This read/write bit selects the factor by which the charge pump clock is divided
from the system clock. See 2.5.2 FLASH 2TS Charge Pump Frequency
Control.
BLK1 — Block Erase Control Bit
This read/write bit together with BLK0 allows erasing of blocks of varying size.
See 2.5.3 FLASH 2TS Erase Operation for a description of available block
sizes.
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the FLASH 2TS difficult for unauthorized users.
Address:
$FE08
Bit 7
654321
Bit 0
Read:
0
FDIV0
BLK1
BLK0
HVEN
MARGIN
ERASE
PGM
Write:
Reset:
00000000
= Unimplemented
Figure 2-3. FLASH 2TS Control Register (FLCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com