Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 98Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 99Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 100Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 101Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 102Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 103Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 104Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 105Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 188 page
background image
Keyboard/External Interrupt Module (KBI)
Data Sheet
MC68HC908RF2 — Rev. 4.0
102
Keyboard/External Interrupt Module (KBI)
MOTOROLA
KEYF — Keyboard Flag Bit
This read-only bit is set when a keyboard interrupt is pending. Reset clears the
KEYF bit.
1 = Keyboard interrupt pending
0 = No keyboard interrupt pending
ACKK — Keyboard Acknowledge Bit
Writing a 1 to this write-only bit clears the keyboard interrupt request. ACKK
always reads as 0. Reset clears ACKK.
IMASKK — Keyboard Interrupt Mask Bit
Writing a 1 to this read/write bit prevents the output of the keyboard interrupt
mask from generating interrupt requests. Reset clears the IMASKK bit.
1 = Keyboard interrupt requests masked
0 = Keyboard interrupt requests not masked
MODEK — Keyboard Triggering Sensitivity Bit
This read/write bit controls the triggering sensitivity of the keyboard interrupt
pins. Reset clears MODEK.
1 = Keyboard interrupt requests on falling edges and low levels
0 = Keyboard interrupt requests on falling edges only
7.5.2 Keyboard Interrupt Enable Register
The keyboard interrupt enable register (INTKBIER) enables or disables each port
A pin to operate as a keyboard interrupt pin.
KBIE6–KBIE1 — Keyboard Interrupt Enable Bits
Each of these read/write bits enables the corresponding keyboard interrupt pin
to latch interrupt requests. These bits also enable the corresponding internal
pullup resistor which is enabled only when the bit is set. Reset clears the
keyboard interrupt enable register.
1 = PAx pin enabled as keyboard interrupt pin and corresponding internal
pullup resistor enabled
0 = PAx pin not enabled as keyboard interrupt pin and corresponding internal
pullup resistor disabled
NOTE:
Setting a keyboard interrupt enable bit (KBIEx) forces the corresponding keyboard
interrupt pin to be an input, overriding the data direction register. However, the data
direction register bit must be a 0 for software to read the pin.
Address: $001B
Bit 7
654321
Bit 0
Read:
0
KBIE6
KBIE5
KBIE4
KBIE3
KBIE2
KBIE1
0
Write:
Reset:
00000000
= Unimplemented
Figure 7-7. Keyboard Interrupt Enable Register (INTKBIER)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com