Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 33Page - Texas Instruments TSC2117 Datasheet HTML 34Page - Texas Instruments TSC2117 Datasheet HTML 35Page - Texas Instruments TSC2117 Datasheet HTML 36Page - Texas Instruments TSC2117 Datasheet HTML 37Page - Texas Instruments TSC2117 Datasheet HTML 38Page - Texas Instruments TSC2117 Datasheet HTML 39Page - Texas Instruments TSC2117 Datasheet HTML 40Page - Texas Instruments TSC2117 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 192 page
background image
M
n
n
n 0
H(z)
FIR z
M
24 for PRB _ R6, PRB _ R18
M
19 for PRB _ R12
-
=
=
=
=
å
(5-3)
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
5.5.4.3.3 FIR Section
Three of the available ADC processing blocks offer FIR filters for signal processing. Processing block
PRB_R12 features a 20-tap FIR filter, whereas the processing blocks PRB_R6 and PRB_R18 feature a
25-tap FIR filter.
The coefficients of the FIR filters are 16-bit 2s-complement format (2 bytes each) and correspond to the
ADC coefficient space as listed in Table 5-19. Note that the default (reset) coefficients are not vaild for the
FIR filter. When the FIR filter is used, all applicable coefficients must be reprogrammed by the user. To
reprogram the FIR filter coefficients as an all-pass filter, write value 0x00 to page 4/registers 24, 25, 34,
35, 44, 45, 54, and 55.
Table 5-19. ADC FIR Filter Coefficients
Filter
FIlter Coefficient RAM
Default (Reset) Values – Not Valid for the FIR Filter – Must
Coefficient
Location
Be Reprogrammed by User
Fir0
Page 4/registers 14–15
0x7FFF (decimal 1.0 – LSB value)
Fir1
Page 4/registers 16–17
0x0000
Fir2
Page 4/registers 18–19
0x0000
Fir3
Page 4/registers 20–21
0x0000
Fir4
Page 4/registers 22–23
0x0000
Fir5
Page 4/registers 24–25
0x7FFF (decimal 1.0 – LSB value)
Fir6
Page 4/registers 26–27
0x0000
Fir7
Page 4/registers 28–29
0x0000
Fir8
Page 4/registers 30–31
0x0000
Fir9
Page 4/registers 32–33
0x0000
Fir10
Page 4/registers 34–35
0x7FFF (decimal 1.0 – LSB value)
Fir11
Page 4/registers 36–37
0x0000
Fir12
Page 4/registers 38–39
0x0000
Fir13
Page 4/registers 40–41
0x0000
Fir14
Page 4/registers 42–43
0x0000
Fir15
Page 4/registers 44–45
0x7FFF (decimal 1.0 – LSB value)
Fir16
Page 4/registers 46–47
0x0000
Fir17
Page 4/registers 48–49
0x0000
Fir18
Page 4/registers 50–51
0x0000
Fir19
Page 4/registers 52–53
0x0000
Fir20
Page 4/registers 54–55
0x7FFF (decimal 1.0 – LSB value)
Fir21
Page 4/registers 56–57
0x0000
Fir22
Page 4/registers 58–59
0x0000
Fir23
Page 4/registers 60–61
0x0000
Fir24
Page 4/registers 62–63
0x0000
Submit Documentation Feedback
APPLICATION INFORMATION
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com