Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 81Page - Texas Instruments TSC2117 Datasheet HTML 82Page - Texas Instruments TSC2117 Datasheet HTML 83Page - Texas Instruments TSC2117 Datasheet HTML 84Page - Texas Instruments TSC2117 Datasheet HTML 85Page - Texas Instruments TSC2117 Datasheet HTML 86Page - Texas Instruments TSC2117 Datasheet HTML 87Page - Texas Instruments TSC2117 Datasheet HTML 88Page - Texas Instruments TSC2117 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 192 page
background image
(
)
(
)
coordinate
PVS
AVG
BITS
CONV
AVG
1
CLK
CLK
t
t
2
N
N
1
t
2
N
n
13
t
22
t
=
+ ´
´
+
´
+ ´
´
+
´
+
´
Programmed
forSelf-
Controlled
Z-ScanMode
Detecting Touch
Sample,Conversionand Averagingfor
Z1-CoordinateandZ2-Coordinate
Reading
Z1-Data
Register
Detecting
Touch
TouchIsDetected
CONTROL INTERFACEDEACTIVATED
TouchIsDetected
PINTDAV
(As
[P3/R3,D1–D0=00])
PENIRQ
PINTDAV
(AsDATA_AVA
[P3/R3,D1–D0=01])
PINTDAV
(As
andDATA_AVA
[P3/R3,D1–D0=10])
PENIRQ
TouchIsDetected
Reading
Z2-Data
Register
Sample,Conversionand Averagingfor
Z1-CoordinateandZ2-Coordinate
Programmed
forHost-
Controlled
Mode
Reading
Y-Data
Register
Sample,Conversion
and Averagingfor
Y-Coordinate
Detecting
Touch
TouchIsDetected
TouchIsDetected
P3/R3
IsUpdated
for
X-Y Scan
Mode
WaitingforHostto
WriteIntoP3/R3
CONTROL INTERFACEDEACTIVATED
PINTDAV
(As
andDATA_AVA
[P3/R3,D1–D0=10])
PENIRQ
PINTDAV
(As
[P3/R3,D1–D0=00])
PENIRQ
TouchIsDetected
PINTDAV
(As
[P3/R3,D1–D0=01])
DATA_AVA
Reading
X-Data
Register
Detecting
Touch
Sample,Conversion
and Averagingfor
X-Coordinate
Detecting
Touch
Sample,Conversion
and Averagingfor
Y-Coordinate
Detecting
Touch
5.7.9.3 Non-Touch-Screen Measurement Operation
(
)
(
)
AVG
BITS
CONV
AVG
1
2
CLK
CLK
3
CLK
t
N
N
1
t
N
n
n
t
17
t
n
t
=
´
+
´
+
´
+
´
+
´
+
´
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
5.7.9.2.2 Host-Controlled Z1-Z2 Scan Mode
where:
n1 = 6 if DIV1 = 1; otherwise, n1 = 7
Figure 5-53. Host-Controlled Z1-Z2 Scan Mode
5.7.9.2.3 Host-Controlled X-Y Scan Mode
Figure 5-54. Host-Controlled X-Y Scan Mode
5.7.9.3.1 Host-Controlled VBAT Scan Mode
The time needed to make temperature, auxiliary, or battery measurements is given by:
(1)
This equation is valid if page 2/register 18, bits D6–D5 = 00, which means SAR data update is not kept on hold for reading converted
data.
(2)
The programmable delay tREF scales accordingly based on the actual divider setting and time period of the clock used to generate
this. See the respective control register settings to understand the scale factors.
where:
DIV1 = Divider setting configured in page 3/register 2, bits D4–D3; or 4 if VBAT is used as the normal
AUX input by setting page 3/register 6, bit D0 = 0
NBITS = SAR ADC resolution configured in page 3/register 2, bits D6–D5; or 12 if VBAT is used as
normal aux input by setting page 3/register 6, bit D0 = 0
Submit Documentation Feedback
APPLICATION INFORMATION
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com