Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 23Page - Texas Instruments TSC2117 Datasheet HTML 24Page - Texas Instruments TSC2117 Datasheet HTML 25Page - Texas Instruments TSC2117 Datasheet HTML 26Page - Texas Instruments TSC2117 Datasheet HTML 27Page - Texas Instruments TSC2117 Datasheet HTML 28Page - Texas Instruments TSC2117 Datasheet HTML 29Page - Texas Instruments TSC2117 Datasheet HTML 30Page - Texas Instruments TSC2117 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 192 page
background image
5.4.6
DAC Playback on Headphones, Mono, 8 kHz, DVDD = 1.8 V, AVDD = 3.3 V,
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
DOSR = 384, Processing Block = PRB_P7 (Interpolation Filter B)
Power consumption = 22.83 mW
Table 5-10. PRB_P7 Alternative Processing Blocks, 22.83 mW
Processing Block
Filter
Estimated Power Change (mW)
PRB_P1
A
0.27
PRB_P2
A
0.4
PRB_P3
A
0.34
PRB_P8
B
0.2
PRB_P9
B
0.08
PRB_P10
B
0.24
PRB_P11
B
0.12
PRB_P23
A
0.23
PRB_P24
A
0.42
PRB_P25
A
0.46
HVDD = 3.3 V
DOSR = 768, Processing Block = PRB_P12 (Interpolation Filter B)
Power consumption = 14.49 mW
Table 5-11. PRB_P12 Alternative Processing Blocks, 14.49 mW
Processing Block
Filter
Estimated Power Change (mW)
PRB_P4
A
–0.04
PRB_P5
A
0.2
PRB_P6
A
–0.01
PRB_P13
B
0.1
PRB_P14
B
0.05
PRB_P15
B
–0.03
PRB_P16
B
0.07
DOSR = 384, Processing Block = PRB_P12 (Interpolation Filter B)
Power consumption = 14.42 mW
Table 5-12. PRB_P12 Alternative Processing Blocks, 14.42 mW
Processing Block
Filter
Estimated Power Change (mW)
PRB_P4
A
0.16
PRB_P5
A
0.3
PRB_P6
A
0.2
PRB_P13
B
0.15
PRB_P14
B
0.07
PRB_P15
B
0.18
PRB_P16
B
0.09
Submit Documentation Feedback
APPLICATION INFORMATION
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com