Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 21Page - Texas Instruments TSC2117 Datasheet HTML 22Page - Texas Instruments TSC2117 Datasheet HTML 23Page - Texas Instruments TSC2117 Datasheet HTML 24Page - Texas Instruments TSC2117 Datasheet HTML 25Page - Texas Instruments TSC2117 Datasheet HTML 26Page - Texas Instruments TSC2117 Datasheet HTML 27Page - Texas Instruments TSC2117 Datasheet HTML 28Page - Texas Instruments TSC2117 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 192 page
background image
5.4.3
DAC Playback on Headphones, Stereo, 48 kHz, DVDD = 1.8 V, AVDD = 3.3 V,
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
AOSR = 64, Processing Block = PRB_R11 (Decimation Filter B)
Power consumption = 6.61 mW
Table 5-4. PRB_R11 Alternative Processing Blocks, 6.61 mW
Processing Block
Filter
Estimated Power Change (mW)
PRB_R4
A
0.07
PRB_R5
A
0.11
PRB_R6
A
0.11
PRB_R10
B
–0.02
PRB_R12
B
0.01
HVDD = 3.3 V
DOSR = 128, Processing Block = PRB_P7 (Interpolation Filter B)
Power consumption = 24.28 mW
Table 5-5. PRB_P7 Alternative Processing Blocks, 24.28 mW
Processing Block
Filter
Estimated Power Change (mW)
PRB_P1
A
1.34
PRB_P2
A
2.86
PRB_P3
A
2.11
PRB_P8
B
1.18
PRB_P9
B
0.53
PRB_P10
B
1.89
PRB_P11
B
0.87
PRB_P23
A
1.48
PRB_P24
A
2.89
PRB_P25
A
3.23
DOSR = 64, Processing Block = PRB_P7 (Interpolation Filter B)
Power consumption = 24.5 mW
Table 5-6. PRB_P7 Alternative Processing Blocks, 24.5 mW
Processing Block
Filter
Estimated Power Change (mW)
PRB_P1
A
1.17
PRB_P2
A
2.62
PRB_P3
A
2
PRB_P8
B
0.99
PRB_P9
B
0.5
PRB_P10
B
1.46
PRB_P11
B
0.66
PRB_P23
A
1.43
PRB_P24
A
2.69
PRB_P25
A
2.92
Submit Documentation Feedback
APPLICATION INFORMATION
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com