Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2117 Datasheet HTML 1Page - Texas Instruments TSC2117 Datasheet HTML 2Page - Texas Instruments TSC2117 Datasheet HTML 3Page - Texas Instruments TSC2117 Datasheet HTML 4Page - Texas Instruments TSC2117 Datasheet HTML 5Page - Texas Instruments TSC2117 Datasheet HTML 6Page - Texas Instruments TSC2117 Datasheet HTML 7Page - Texas Instruments TSC2117 Datasheet HTML 8Page - Texas Instruments TSC2117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 192 page
background image
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
Table 2-1. TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
HVSS
43
–
Driver and PLL ground (internally connected to DVSS)
IOVDD
8
–
Digital interface power
IOVSS
7
–
Digital interface ground
MCLK
14
I
External master clock
MIC
19
I
Microphone input (routed to audio ADC input mixer and audio DAC output mixer)
MICBIAS
18
O
Microphone bias voltage
MISO
1
O
Data output from SPI (Hi-Z capable)
MOSI
2
I
Data input to SPI
RESET
48
I
Reset for logic and all internal registers – active-low
SCL
16
I/O
I2C control bus clock input
SCLK
4
I
External clock to SPI
SDA
15
I/O
I2C control-bus data I/O
SDIN
11
I
Playback audio serial-data input
SDOUT
10
O
Record audio serial-data output (hi-Z capable)
SLVDD
35
–
Left-channel class-D speaker-amplifier power supply
SLVSS
34
–
Left-channel class-D speaker-amplifier power-supply ground
SPLN
33
O
Left-channel speaker-driver inverting output
SPLP
36
O
Left-channel speaker-driver noninverting output
SPRN
37
O
Right-channel speaker-driver inverting output
SPRP
40
O
Right-channel speaker-driver noninverting output
SRVDD
38
–
Right-channel class-D speaker-amplifier power supply
SRVSS
39
–
Right-channel class-D speaker-amplifier power-supply ground
SS
3
I
SPI chip select – active-low
TSVDD
32
–
Touch-screen controller power (used for touch-screen panel driver)
TSVSS
26
–
Touch-screen driver ground
VBAT
24
I
Battery-monitor input to SAR ADC
VOL/MICDET
17
I
Playback digital volume control or microphone-detection functionality
VREF
25
I/O
Voltage reference input for SAR ADC
WCLK
12
I/O
Audio serial-bus channel clock
XN
28
I/O
Touch-screen X– positional input and driver
XP
31
I/O
Touch-screen X+ positional input and driver
YN
27
I/O
Touch-screen Y– positional input and driver
YP
30
I/O
Touch-screen Y+ positional input and driver
Submit Documentation Feedback
PACKAGE AND SIGNAL DESCRIPTIONS
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com