Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 3 Page - Texas Instruments

  TSC2117 Datasheet HTML 1Page - Texas Instruments TSC2117 Datasheet HTML 2Page - Texas Instruments TSC2117 Datasheet HTML 3Page - Texas Instruments TSC2117 Datasheet HTML 4Page - Texas Instruments TSC2117 Datasheet HTML 5Page - Texas Instruments TSC2117 Datasheet HTML 6Page - Texas Instruments TSC2117 Datasheet HTML 7Page - Texas Instruments TSC2117 Datasheet HTML 8Page - Texas Instruments TSC2117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 192 page
background image
2
PACKAGE AND SIGNAL DESCRIPTIONS
Package/Ordering Information
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to
observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to meet its published specifications.
NOTE
This data manual is designed using PDF document-viewing features that allow quick
access to information. For example, performing a global search on, e.g., "page 0/register
15" produces all references to this page and register in a list. This makes is easy to
traverse the list and find all information related to a page and register. Note that the
search string must be of the indicated format. Also, this document includes document
hyperlinks to allow the user to quickly find a document reference. To come back to the
original page, click the green left arrow near the PDF page number at the bottom of the
file. The hot-key for this function is alt-left arrow on the keyboard. Another way to find
information quickly is to use the PDF bookmarks.
OPERATING
PACKAGE
TRANSPORT MEDIA,
PRODUCT
PACKAGE
TEMPERATURE
ORDERING NUMBER
DESIGNATOR
QUANTITY
RANGE
TSC2117IRGZT
Tape and reel, 250
TSC2117
QFN-48
RGZ
–40
°C to 85°C
TSC2117IRGZR
Tape and reel, 2500
Submit Documentation Feedback
PACKAGE AND SIGNAL DESCRIPTIONS
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com