Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 63Page - Texas Instruments TSC2117 Datasheet HTML 64Page - Texas Instruments TSC2117 Datasheet HTML 65Page - Texas Instruments TSC2117 Datasheet HTML 66Page - Texas Instruments TSC2117 Datasheet HTML 67Page - Texas Instruments TSC2117 Datasheet HTML 68Page - Texas Instruments TSC2117 Datasheet HTML 69Page - Texas Instruments TSC2117 Datasheet HTML 70Page - Texas Instruments TSC2117 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 192 page
background image
5.7.1
The Four-Wire Resistive Touch Screen
TransparentConductor(ITO)
TopSide
TransparentConductor(ITO)
BottomSide
ConductiveBar
SilverInk
InsulatingMaterial
(Glass)
Y+
X+
Y–
X–
ITO=Indium TinOxide
M0068-01
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
A resistive touch screen works by applying a voltage across a resistor network and measuring the change
in resistance at a given point on the matrix where a screen is touched by an input stylus, pen, or finger.
The change in the resistance ratio marks the location on the touch screen.
The TSC2117 supports the resistive four-wire configurations (see Figure 5-37). The circuit determines
location in two coordinate-pair dimensions.
A four-wire touch screen is constructed as shown in Figure 5-37. It consists of two transparent resistive
layers separated by insulating spacers.
Figure 5-37. Four-Wire Touch-Screen Construction
The four-wire touch-screen panel works by applying a voltage across the vertical or horizontal resistive
network. The ADC converts the voltage measured at the point the screen is touched. A measurement of
the Y position of the pointing device is made by connecting the X+ input to an ADC, turning on the Y
drivers, and digitizing the voltage seen at the X+ input. The voltage measured is determined by the
voltage divider developed at the point of touch. For this measurement, the horizontal panel resistance in
the X+ lead does not affect the conversion due to the high input impedance of the ADC.
Voltage is then applied to the other axis, and the ADC converts the voltage representing the X position on
the screen. This provides the X and Y coordinates to the associated processor.
When the touch screen is pressed or touched and the drivers to the panel are turned on, the voltage
across the touch screen often overshoots and then slowly settles (decays) down to a stable dc value. This
is due to mechanical bouncing which is caused by vibration of the top layer sheet of the touch screen
when it is pressed. This settling time must be accounted for, or else the converted value will be in error.
Therefore, a delay must be introduced between the time the driver for a particular measurement is turned
on and the time measurement is made.
Submit Documentation Feedback
APPLICATION INFORMATION
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com