Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 72Page - Texas Instruments TSC2117 Datasheet HTML 73Page - Texas Instruments TSC2117 Datasheet HTML 74Page - Texas Instruments TSC2117 Datasheet HTML 75Page - Texas Instruments TSC2117 Datasheet HTML 76Page - Texas Instruments TSC2117 Datasheet HTML 77Page - Texas Instruments TSC2117 Datasheet HTML 78Page - Texas Instruments TSC2117 Datasheet HTML 79Page - Texas Instruments TSC2117 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
TA − Free-Air Temperature − °C
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
G003
(Temp1
Temp2)
kT
V
ln(N)
q
-
=
´
(5-10)
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
SLAS550A – APRIL 2009 – REVISED JUNE 2009
www.ti.com
Figure 5-44. Typical Plot of Single-Measurement Method After Calibrating
for Offset and Gain at Two Temperatures
The second mode uses a two-measurement (differential) method. This mode requires a second
conversion with a current 82 times larger. The voltage difference between the first (TEMP1) and second
(TEMP2) conversion, using 82 times the bias current, is represented by:
where
N is the current ratio = 82
k = Boltzmann’s constant (1.38054
× 10–23 electrons volts/Kelvin)
q = the electron charge (1.602189
× 10–19 C)
T = the temperature in Kelvins
The equation for the relation between differential code and temperature may vary slightly from device to
device and can be calibrated at final system test by the user. This method provides resolution of
approximately 2
°C/LSB and accuracy of approximately ±6°C after calibrating at room temperature. A plot
of typical calibration error for this method is shown in Figure 5-45.
APPLICATION INFORMATION
76
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com