Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 6Page - Texas Instruments TSC2117 Datasheet HTML 7Page - Texas Instruments TSC2117 Datasheet HTML 8Page - Texas Instruments TSC2117 Datasheet HTML 9Page - Texas Instruments TSC2117 Datasheet HTML 10Page - Texas Instruments TSC2117 Datasheet HTML 11Page - Texas Instruments TSC2117 Datasheet HTML 12Page - Texas Instruments TSC2117 Datasheet HTML 13Page - Texas Instruments TSC2117 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 192 page
background image
(1)
DAC to speaker-out PSRR measurement is calculated as
PSRR
+ 20 log10
VSIG
Supp
V
SPK1 2
.
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
SLAS550A – APRIL 2009 – REVISED JUNE 2009
www.ti.com
Electrical Characteristics (continued)
At 25
°C, AVDD, HVDD, IOVDD, TSVDD, = 3.3 V, SLVDD, SRVDD = 3.6V, DVDD = 1.8 V, VREF = 3.3 V, f
S (audio) =
48 kHz, CODEC_CLKIN = 256
× f
S, PLL = Off, SAR input is AUX1, VOL/MICDET pin disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC OUTPUT to CLASS-D SPEAKER OUTPUT; Load = 8
Ω (differential), 50 pF (continued)
SLVDD = SRVDD = 3.6 V, BTL measurement, DAC
THD
Total harmonic distortion
input = –6 dBFS, DAC VCM (page 1/register 31, bits
–72
dB
D4–D3) = 1.65 V, class-D gain = 6 dB
SLVDD = SRVDD = 3.6 V, BTL measurement, DAC
Total harmonic distortion +
THD+N
input = –6 dBFS, DAC VCM (page 1/register 31, bits
–71
dB
noise
D4–D3) = 1.65 V, class-D gain = 6 dB
SLVDD = SRVDD = 3.6 V, BTL measurement, ripple
PSRR
Power-supply rejection ratio(1)
57
dB
on SLVDD/SRVDD = 200 mVp-p at 1 kHz
Mute attenuation
110
dB
SLVDD = SRVDD = 3.6 V, BTL measurement, DAC
VCM (page 1/register 31, bits D4–D3) = 1.65 V,
540
class-D gain = 18 dB, THD = 10%
mW
SLVDD = SRVDD = 4.3 V, BTL measurement, DAC
PO
Maximum output power
VCM (page 1/register 31, bits D4–D3) = 1.65 V,
790
class-D gain = 18 dB, THD = 10%
SLVDD = SRVDD = 5.5 V, BTL measurement, DAC
VCM (page 1/register 31, bits D4–D3) = 1.65 V,
1.29
W
class-D gain = 18 dB, THD = 10%
Output-stage leakage current
SLVDD = SRVDD = 4.3 V, device is powered down
80
nA
for direct battery connection
(power-up-reset condition)
ADC and DAC POWER CONSUMPTION
For ADC and DAC power consumption based per selected processing block, see Section 5.4
DIGITAL INPUT/OUTPUT
Logic
CMOS
family
0.7
×
IIH = 5 µA, IOVDD ≥ 1.6 V
IOVDD
VIH
V
IIH = 5 µA, IOVDD < 1.6 V
IOVDD
0.3
×
IIL = 5 µA, IOVDD ≥ 1.6 V
–0.3
IOVDD
VIL
V
Logic level
IIL = 5 µA, IOVDD < 1.6 V
0
0.8
×
VOH
IOH = 2 TTL loads
V
IOVDD
0.1
×
VOL
IOL = 2 TTL loads
V
IOVDD
Capacitive load
10
pF
ELECTRICAL SPECIFICATIONS
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com