Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 5Page - Texas Instruments TSC2117 Datasheet HTML 6Page - Texas Instruments TSC2117 Datasheet HTML 7Page - Texas Instruments TSC2117 Datasheet HTML 8Page - Texas Instruments TSC2117 Datasheet HTML 9Page - Texas Instruments TSC2117 Datasheet HTML 10Page - Texas Instruments TSC2117 Datasheet HTML 11Page - Texas Instruments TSC2117 Datasheet HTML 12Page - Texas Instruments TSC2117 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 192 page
background image
(3)
DAC to headphone-out PSRR measurement is calculated as
Supp
10
DACOUT
VSIG
PSRR
20 log
V
é
ù
=
ê
ú
ê
ú
ë
û
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
Electrical Characteristics (continued)
At 25
°C, AVDD, HVDD, IOVDD, TSVDD, = 3.3 V, SLVDD, SRVDD = 3.6V, DVDD = 1.8 V, VREF = 3.3 V, f
S (audio) =
48 kHz, CODEC_CLKIN = 256
× f
S, PLL = Off, SAR input is AUX1, VOL/MICDET pin disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Bias
Page 1/register 46, bits D1–D0 = 10
2.25
2.5
2.75
Voltage output
V
Page 1/register 46, bits D1–D0 = 01
2
At 4-mA load current, page 1/register 46, bits D1–D0
5
= 10 (MICBIAS = 2.5 V)
Voltage regulation
mV
At 4-mA load current, page 1/register 46, bits D1–D0
7
= 01 (MICBIAS = 2 V)
Audio ADC Digital Decimation Filter Characteristics
See Section 5.5.4.4 for audio ADC decimation filter characteristics.
DAC HEADPHONE OUTPUT, AC-coupled load = 16
Ω (single-ended),
driver gain = 0 dB, parasitic capacitance = 30 pF
Full-scale output voltage (0
Output common-mode setting = 1.65 V
0.707
Vrms
dB)
SNR
Signal-to-noise ratio
Measured as idle-channel noise, A-weighted(1)(2)
80
95
dB
THD
Total harmonic distortion
0-dBFS input
–85
–65
dB
Total harmonic distortion +
THD+N
0-dBFS input
–82
–60
dB
noise
Mute attenuation
87
dB
PSRR
Power-supply rejection ratio(3)
Ripple on HVDD (3.3 V) = 200 mVp-p at 1 kHz
62
dB
RL = 32 Ω, THD+N ≤ –60 dB
20
PO
Maximum output power
mW
RL = 16 Ω, THD+N ≤ –60 dB
60
DAC LINEOUT (HP Driver in Lineout Mode)
SNR
Signal-to-noise ratio
Measured as idle-channel noise, A-weighted
95
dB
THD
Total harmonic distortion
0-dBFS input, 0-dB gain
–86
dB
Total harmonic distortion +
THD+N
0-dBFS input, 0-dB gain
–82
dB
noise
DAC Digital Interpolation Filter Characteristics
See Section 5.6.1.4 for DAC interpolation filter characteristics.
DAC OUTPUT to CLASS-D SPEAKER OUTPUT; Load = 8
Ω (differential), 50 pF
SLVDD = SRVDD = 3.6 V, BTL measurement, DAC
input = 0 dBFS, DAC VCM (page 1/register 31, bits
2.2
D4–D3) = 1.65 V, class-D gain = 6 dB,
THD
≤ –16.5 dB
Output voltage
Vrms
SLVDD = SRVDD = 3.6 V, BTL measurement, DAC
input = –2 dBFS, DAC VCM (page 1/register 31, bits
2.1
D4–D3) = 1.65 V, class-D gain = 6 dB, THD
≤ –20 dB
SLVDD = SRVDD = 3.6 V, BTL measurement, DAC
Output, common-mode
input = mute, DAC VCM (page 1/register 31, bits
1.65
V
D4–D3) = 1.65 V, class-D gain = 6 dB
SLVDD = SRVDD = 3.6 V, BTL measurement,
class-D gain = 6 dB, measured as idle-channel noise,
SNR
Signal-to-noise ratio
87
dB
A-weighted (with respect to full-scale output value of
2.2 Vrms)(1)(2)
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
Submit Documentation Feedback
ELECTRICAL SPECIFICATIONS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com