Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 2Page - Texas Instruments TSC2117 Datasheet HTML 3Page - Texas Instruments TSC2117 Datasheet HTML 4Page - Texas Instruments TSC2117 Datasheet HTML 5Page - Texas Instruments TSC2117 Datasheet HTML 6Page - Texas Instruments TSC2117 Datasheet HTML 7Page - Texas Instruments TSC2117 Datasheet HTML 8Page - Texas Instruments TSC2117 Datasheet HTML 9Page - Texas Instruments TSC2117 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 192 page
background image
3
ELECTRICAL SPECIFICATIONS
3.1
Absolute Maximum Ratings
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
SLAS550A – APRIL 2009 – REVISED JUNE 2009
www.ti.com
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
AVDD to AVSS
–0.3 to 3.9
V
DVDD to DVSS
–0.3 to 2.5
V
HVDD to HVSS
–0.3 to 3.9
V
SLVDD to SLVSS
–0.3 to 6
V
SRVDD to SRVSS
–0.3 to 6
V
IOVDD to IOVSS
–0.3 to 3.9
V
TSVDD to TSVSS
–0.3 to 3.9
V
VREF to AVSS
AVSS – 0.3 to AVDD
V
Digital input voltage
IOVSS – 0.3 to IOVDD + 0.3
V
Analog input voltage
AVSS – 0.3 to AVDD + 0.3
V
VBAT
–0.3 to 6
V
Operating temperature range
–40 to 85
°C
Storage temperature range
–55 to 150
°C
Junction temperature (TJ Max)
105
°C
Power dissipation
(TJ Max – TA)/RθJA
W
QFN package
RθJA Thermal impedance (with thermal pad soldered to board)
27
°C/W
Lead temperature
Infrared (15 s)
300
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Table 3-1. System Thermal Characteristics(1)
Power Rating at 25
°C
Derating Factor
Power Rating at 70
°C
Power Rating at 85
°C
3 W
37.04 mW/
°C
1.3 W
0.74 W
(1)
This data was taken using 2-oz. (0.071-mm thick) trace and copper pad that is soldered to a JEDEC high-K, standard 4-layer 3-in.
× 3
in. (7.62-cm
× 7.62-cm) PCB.
ELECTRICAL SPECIFICATIONS
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com