Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 35Page - Texas Instruments TSC2117 Datasheet HTML 36Page - Texas Instruments TSC2117 Datasheet HTML 37Page - Texas Instruments TSC2117 Datasheet HTML 38Page - Texas Instruments TSC2117 Datasheet HTML 39Page - Texas Instruments TSC2117 Datasheet HTML 40Page - Texas Instruments TSC2117 Datasheet HTML 41Page - Texas Instruments TSC2117 Datasheet HTML 42Page - Texas Instruments TSC2117 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
0
0.2
0.4
0.6
0.8
1
1.2
1.4 1.6
1.8
2
FrequencyNormalizedw.r.t.FS
ADCChannelResponseforDecimationFilter A
(Redlinecorrespondsto-44dB)
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
5.5.4.4.2 Decimation Filter B
Filter B is intended to support sampling rates up to 96 kHz at an oversampling ratio of 64.
Table 5-21. ADC Decimation Filter B, Specifications
Parameter
Condition
Value (Typical)
Unit
AOSR = 64
Filter gain pass band
0
…0.39 f
S
±0.077
dB
Filter gain stop band
0.60 fS…32 fS
–46
dB
Filter group delay
11/fS
s
Pass-band ripple, 8 ksps
0
…0.39 f
S
0.076
dB
Pass-band ripple, 44.1 ksps
0
…0.39 f
S
0.06
dB
Pass-band ripple, 48 ksps
0
…0.39 f
S
0.06
dB
Pass-band ripple, 96 ksps
0
…20 kHz
0.11
dB
Figure 5-14. ADC Decimation Filter B, Frequency Response
Submit Documentation Feedback
APPLICATION INFORMATION
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com