Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 3Page - Texas Instruments TSC2117 Datasheet HTML 4Page - Texas Instruments TSC2117 Datasheet HTML 5Page - Texas Instruments TSC2117 Datasheet HTML 6Page - Texas Instruments TSC2117 Datasheet HTML 7Page - Texas Instruments TSC2117 Datasheet HTML 8Page - Texas Instruments TSC2117 Datasheet HTML 9Page - Texas Instruments TSC2117 Datasheet HTML 10Page - Texas Instruments TSC2117 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 192 page
background image
3.2
Recommended Operating Conditions
3.3
Electrical Characteristics
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD(1)
Referenced to AVSS(2)
2.7
3.3
3.6
DVDD
Referenced to DVSS(2)
1.65
1.8
1.95
HVDD
Referenced to HVSS(2)
2.7
3.3
3.6
SLVDD(1)
Power-supply voltage range
Referenced to SLVSS(2)
2.7
5.5
V
SRVDD(1)
Referenced to SRVSS(2)
2.7
5.5
TSVDD
Referenced to TSVSS(2)
2.7
3.3
3.6
IOVDD
Referenced to IOVSS(2)
1.1
3.3
3.6
VREF
External voltage reference
Referenced to AVSS(2)
0
3.3
AVDD
V
Resistance applied across class-D output pins
Speaker impedance
8
Ω
(BTL)
Headphone impedance
AC coupled to RL
16
Ω
Analog audio full-scale input
VI
AVDD = 3.3V, single-ended
0.707
VRMS
voltage
Stereo line output load
AC coupled to RL
10
k
Ω
impedance
MCLK(3)
Master clock frequency
IOVDD = 3.3V
50
MHz
SCLK frequency
IOVDD = 3.3V
30
MHz
SCLK
SCLK duty cycle
40%
50%
60%
SCL
SCL clock frequency
400
kHz
TA
Operating free-air temperature
–40
85
°C
(1)
To minimize battery-current leakage, the SLVDD and SRVDD voltage levels should not be below the AVDD voltage level.
(2)
All grounds on board are tied together, so they should not differ in voltage by more than 0.2 V maximum for any combination of ground
signals. By use of a wide trace or ground plane, ensure a low-impedance connection between HVSS and DVSS.
(3)
The maximum input frequency should be 50 MHz for any digital pin used as a general-purpose clock.
At 25
°C, AVDD, HVDD, IOVDD, TSVDD, = 3.3 V, SLVDD, SRVDD = 3.6V, DVDD = 1.8 V, VREF = 3.3 V, f
S (audio) =
48 kHz, CODEC_CLKIN = 256
× f
S, PLL = Off, SAR input is AUX1, VOL/MICDET pin disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SAR CONVERTER
Auxilary Analog Input
Input voltage range
0
VREF
V
Input impedance(1)
1/(f
×C)
k
Ω
AUX1, AUX2, VBAT input selected as input by touch
screen
Input capacitance
25
pF
Input leakage current
1
µA
Input voltage range for VBAT
Battery-measurement mode
0
6
V
(1)
SAR input impedance is dependent on the sampling frequency, where the sampling capacitor is C = 25 pF.
Submit Documentation Feedback
ELECTRICAL SPECIFICATIONS
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com