Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 2 Page - Texas Instruments

  TSC2117 Datasheet HTML 1Page - Texas Instruments TSC2117 Datasheet HTML 2Page - Texas Instruments TSC2117 Datasheet HTML 3Page - Texas Instruments TSC2117 Datasheet HTML 4Page - Texas Instruments TSC2117 Datasheet HTML 5Page - Texas Instruments TSC2117 Datasheet HTML 6Page - Texas Instruments TSC2117 Datasheet HTML 7Page - Texas Instruments TSC2117 Datasheet HTML 8Page - Texas Instruments TSC2117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 192 page
background image
AudioOutputStage
PowerManagement
RCCLK
Digital
Audio
Processing
and
Serial
Interface
SDOUT
SDIN
BCLK
WCLK
MCLK
PLL
7-Bit ADC
LeftandRightVolume-
ControlRegister
DigitalBeep
Generator
Digital
VolCtl
DigitalVol
24dBto
Mute
2to –61dB
(1-dBSteps)
Prog
DSP
Engine
SPRP
SPRN
SPLP
SPLN
Class-DSpeaker
Driver
6dBto24dB(6-dBSteps)
Class A/B
Headphone/Lineout
Driver
0dBto9dB(1-dBSteps)
Analog Attenuation
0dBto –78dBandMute
(0.5-dBSteps/Nonlinear)
Analog Attenuation
0dBto –78dBandMute
(0.5-dBSteps/Nonlinear)
VOL/
MICDET
HPR
HPL
SCL
SDA
GPIO
GPIO1
GPI1
GPI2
MIX_R
MIX_L
MIX_R
MIX_L
MIC2_LINE_L
DAC_L
MIX_L
DAC_R
MIX_R
RESET
TSVDD
P3/R4–R5
XN
XP
AUX2
AUX1
Touch-
Panel
Drivers
YP
YN
VBAT
SAR
ADC
OSC
SAR_Mode
VREF
(Internal)
P3/R6
RCCLK
Control
Interface
Touch-
Screen
Processing
FIFO
RCCLK
MCLK
Divider
MIC
AUX1_MIC3_LINE_R
AUX2_MIC1
MIC2_LINE_L
Selectable
Gain/Input
Impedance
VCOM
AUX2_MIC1
Selectable
Gain/Input
Impedance
P1/R47
0to59.5dB
(0.5-dBsteps)
AGC
Prog
DSP
Engine
÷ 5
TSVDD
TSVSS
DVDD
DVSS
IOVDD
IOVSS
VREF
AUX1_MIC3_LINE_R
GPIO2
GPI3
SCLK
MOSI
SS
MISO
I C
2
SPI
Note: Allfunctions
arecontrollablevia
I CorSPI.Itisnot
recommendedto
usebothI Cand
SPIsimultaneously.
2
2
2V/2.5V/AVDD
MICBIAS
DigitalVol
–12..20dB
Step=0.5dB
Mono ADC
Note:Normally,
MCLKisPLL input;
however,BCLK,
GPIO1,etc.,can
alsobePLL input.
Reference
DigtalMic
Interface
Clock
Data
Note:DigitalMic
ClockandData
routedtoGPIO1
andGPIO2pins.
P0/R51–R52
D S
-
ADC
D S
-
DAC
D S
-
DAC
De-Pop
and
Soft-
Start
P1/R33–R34
P0/R65–R66
S
S
S
S
S
S
S
S
P1/R42
P1/R38
P1/R43
P1/R39
P1/R32
P0/R63
P1/R30
P1/R40
P1/R41
P1/R31
P1/R44
P1/R36
P1/R37
P1/R35
P0/R71
P0/R72
P0/R86–R93
P1/R48
P1/R49
InputCM
P1/R50
P3/R15–R16
P3/R17
P3/R2–R3
B0205-04
P3/R13
P0/R64
P0/R82–R83
HVDD
SLVDD
SLVSS
AVDD
AVSS
SRVSS
SRVDD
HVSS
P0/R116
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
SLAS550A – APRIL 2009 – REVISED JUNE 2009
www.ti.com
Figure 1-1. Functional Block Diagram
INTRODUCTION
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com