Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 19Page - Texas Instruments TSC2117 Datasheet HTML 20Page - Texas Instruments TSC2117 Datasheet HTML 21Page - Texas Instruments TSC2117 Datasheet HTML 22Page - Texas Instruments TSC2117 Datasheet HTML 23Page - Texas Instruments TSC2117 Datasheet HTML 24Page - Texas Instruments TSC2117 Datasheet HTML 25Page - Texas Instruments TSC2117 Datasheet HTML 26Page - Texas Instruments TSC2117 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
5.2.1.2 Device Start-Up Lockout Times
5.2.1.3 PLL Start-Up
5.2.1.4 Power-Stage Reset
5.2.1.5 Software Power Down
5.2.2
Audio Analog I/O
5.3 miniDSP
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
After the TSC2117 is initialized through hardware reset at power-up or software reset, the internal
memories are initialized to default values. This initialization takes place within 1 ms after pulling the
RESET signal high. During this initialization phase, no register-read or register-write operation should be
performed on ADC or DAC coefficient buffers. Also, no block within the codec should be powered up
during the initialization phase.
Whenever the PLL is powered up, a start-up delay of approximately of 10 ms occurs after the power-up
command of the PLL and before the clocks are available to the codec. This delay is to ensure stable
operation of the PLL and clock-divider logic.
The power-stage-only reset is used to reset the device after an overcurrent latching shutdown has
occurred. Using this reset re-enables the output stage without resetting all of the registers in the device.
Each of the four power stages has its own dedicated reset bit. The headphone power-stage reset is
performed by setting page 1/register 31, bit D7 for HPL and by setting page 1/register 31, bit D6 for HPR.
The speaker power-stage reset is performed by setting page 1/register 32, bit D7 for SPLP and SPLN,
and by setting page 1/register 32, bit D6 for SPRP and SPRN.
By default, all circuit blocks are powered down following a reset condition. Hardware power up of each
circuit block can be controlled by writing to the appropriate control register. This approach allows the
lowest power-supply current for the functionality required. However, when a block is powered down, all of
the register settings are maintained as long as power is still being applied to the device. The TSC2117
touch-detection circuitry is enabled by default, and it can be powered down by writing to page 3/register 4,
bit D7.
The TSC2117 has a stereo audio DAC and a monaural ADC. It supports a wide range of analog interfaces
to support different headsets and analog outputs. The TSC2117 has features to interface output drivers
(8-
Ω, 16-Ω, 32-Ω) and a microphone PGA with AGC control. A special circuit has also been included in
the TSC2117 to insert a short key-click sound into the stereo audio output. The key-click sound is used to
provide feedback to the user when a particular button is pressed or item is selected. The specific sound of
the keyclick can be adjusted by varying several register bits that control its frequency, duration, and
amplitude. See Key-Click Functionality With Beep Generator, Section 5.6.5
The TSC2117 features two miniDSP cores. The first miniDSP core is tightly coupled to the ADC; the
second miniDSP core is tightly coupled to the DAC. The fully programmable algorithms for the miniDSP
must be loaded into the device after power up. The miniDSPs have direct access to the digital stereo
audio stream on the ADC and on the DAC side, offering the possibility for advanced, very low-group-delay
DSP algorithms.
The ADC miniDSP has 384 programmable instructions, 256 data memory locations, and 128
programmable coefficients. The DAC miniDSP has 1024 programmable instructions, 896 data memory
locations, and 512 programmable coefficients (in the adaptive mode, each bank has 256 programmable
coefficients).
Submit Documentation Feedback
APPLICATION INFORMATION
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com