Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2117 Datasheet HTML 1Page - Texas Instruments TSC2117 Datasheet HTML 2Page - Texas Instruments TSC2117 Datasheet HTML 3Page - Texas Instruments TSC2117 Datasheet HTML 4Page - Texas Instruments TSC2117 Datasheet HTML 5Page - Texas Instruments TSC2117 Datasheet HTML 6Page - Texas Instruments TSC2117 Datasheet HTML 7Page - Texas Instruments TSC2117 Datasheet HTML 8Page - Texas Instruments TSC2117 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 192 page
background image
1
INTRODUCTION
1.1 Features
1.2 Applications
1.3 Description
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
• Low-Power 13-mW Stereo 48-kHz Playback
• Portable Gaming Devices
• Stereo Audio DAC and Monaural ADC Support
8-kHz to 192-kHz Sample Rates
• Mobile Internet Devices
• Instruction-Programmable miniDSP Available
• Adaptive Filtering Applications
for Record and Playback Paths
• Bass Boost/Treble/EQ With up to Five Biquads
for Record and up to Six Biquads for Playback
• Stereo 1.29-W Class-D BTL 8-Ω Speaker Driver
The TSC2117 is a low-power, highly integrated,
With Direct Battery Connection
high-performance codec and touch-screen controller
which features stereo class-D speaker amplifiers, a
• Smart Four-Wire Touch-Screen Controller With
stereo audio DAC, mono audio ADC, and a SAR
Autonomous Timing
ADC.
• Programmable-Gain Amplifiers
• Microphone Bias
The TSC2117 supports 16-bit stereo playback and
monaural record functionality. The device integrates
• Hardware-Implemented AGC Used With
several analog features, such as a microphone
Microphone Input for Audio ADC Path
interface, headphone drivers, and speaker drivers.
• Digital Microphone Interface
The TSC2117 has two fully programmable miniDSPs
• Digital Mixing Capability
for digital audio processing. The digital audio data
• Pin Control or Register Control for
format is programmable to work with popular audio
Digital-Playback Volume-Control Settings
standard protocols (I2S, left/right-justified) in master,
• Programmable 12-Bit SAR ADC
slave, DSP, and TDM modes. Bass boost, treble, or
EQ are supported by the preprogrammed modes of
• Built-In Capability for Temperature, Battery, or
the programmable digital signal-processing block. An
Auxiliary Measurements
on-chip PLL provides the high-speed clock needed by
• Programmable DRC for Digital Playback
the digital signal-processing block. The volume level
• Sine-Wave Generator for Beep Generator for
can be controlled by either a pin control or by register
Touch-Pad Press Acknowledgement
control.
• Integrated PLL Used for Programmable Digital
The TSC2117 has a 12-bit converter that supports a
Audio Processor
four-wire resistive touch-screen complete with drivers.
• SPI, I2C, and I2S Serial Interfaces
All functions can be controlled by an I2C or SPI
• SPI , I2C Have Register Auto-Increment
interface.
A
programmable
beep
generator
is
• Full Power-Down Control
included. An on-chip processor is used in the
touch-screen mode and provides extensive features
• Power Supplies:
specifically designed to reduce the host-processor
–
Analog: 2.7 V–3.6 V
and interface-bus overhead. The TSC2117 has three
–
Digital Core: 1.65 V–1.95 V
dedicated
analog
inputs
for
system
voltage
–
Digital I/O: 1.1 V–3.6 V
measurements, with an on-chip temperature sensor
–
Class-D: 2.7 V–5.5 V (SLVDD and SRVDD
≥
that can be read by the SAR ADC, and is available in
AVDD)
a 7-mm
× 7-mm 48-pin QFN package.
• 7-mm × 7-mm 48-QFN Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PurePath is a trademark of Texas Instruments.
MATLAB is a trademark of The MathWorks, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSC2117

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC211 STMICROELECTRONICS-TSC211 Datasheet
1Mb / 38P
High/low-side, bidirectional, zero-drift current sense amplifiers
02-Aug-2021
TSC211 STMICROELECTRONICS-TSC211 Datasheet
2Mb / 38P
High/low-side, bidirectional, zero-drift current sense amplifiers
28-Mar-2025
logo
Texas Instruments
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111IRGZR TI-TSC2111IRGZR Datasheet
1Mb / 99P
AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111IRGZRG4 TI-TSC2111IRGZRG4 Datasheet
1Mb / 99P
AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3111_101 TI-TLV320AIC3111_101 Datasheet
1Mb / 154P
Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com