Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 65Page - Texas Instruments TSC2117 Datasheet HTML 66Page - Texas Instruments TSC2117 Datasheet HTML 67Page - Texas Instruments TSC2117 Datasheet HTML 68Page - Texas Instruments TSC2117 Datasheet HTML 69Page - Texas Instruments TSC2117 Datasheet HTML 70Page - Texas Instruments TSC2117 Datasheet HTML 71Page - Texas Instruments TSC2117 Datasheet HTML 72Page - Texas Instruments TSC2117 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
X-plate
TOUCH
Y-plate
1
R
X-position 4096
Y-position
R
1
R
1
4096
Z
4096
´
æ
ö
æ
ö
=
-
-
´
-
ç
÷
ç
÷
è
ø
è
ø
(5-9)
X+
Y+
X–
Y–
X-position
MeasureX-position
Touch
X+
Y+
X–
Y–
Z -position
1
MeasureZ -position
1
Touch
X+
Y+
X–
Y–
Z -position
2
MeasureZ -position
2
Touch
S0244-01
5.7.1.1 Touch-Screen SAR ADC
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
Figure 5-38. Pressure Measurement
The analog inputs of the TSC2117 are shown in Figure 5-39. The analog inputs (X, Y, and Z touch-panel
coordinates, battery-voltage monitors, chip temperature, and auxiliary inputs) are provided via a
multiplexer to the successive approximation register (SAR) analog-to-digital converter (ADC). The ADC
architecture is based on capacitive redistribution architecture, which inherently includes a sample/hold
function.
A unique configuration of low on-resistance switches allows an unselected ADC input channel to provide
power and an accompanying pin to provide ground for driving the touch screen. By maintaining a
differential input to the converter and a differential reference input architecture, it is possible to negate
errors caused by the driver-switch on-resistances.
Submit Documentation Feedback
APPLICATION INFORMATION
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com