Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 9Page - Texas Instruments TSC2117 Datasheet HTML 10Page - Texas Instruments TSC2117 Datasheet HTML 11Page - Texas Instruments TSC2117 Datasheet HTML 12Page - Texas Instruments TSC2117 Datasheet HTML 13Page - Texas Instruments TSC2117 Datasheet HTML 14Page - Texas Instruments TSC2117 Datasheet HTML 15Page - Texas Instruments TSC2117 Datasheet HTML 16Page - Texas Instruments TSC2117 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
3.4.3
DSP Timing in Master Mode
T0146-05
WCLK
BCLK
SDOUT
SDIN
t (DO-BCLK)
d
t (WS)
d
t (WS)
d
t (DI)
S
t (DI)
h
t
f
t
r
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
All specifications at 25
°C, DVDD = 1.8 V
Note: All timing specifications are measured at characterization but not tested at final test.
IOVDD = 1.1 V
IOVDD = 3.3 V
PARAMETER
UNITS
MIN
MAX
MIN
MAX
td(WS)
WCLK delay
45
20
ns
td(DO-BCLK)
BCLK to DOUT delay
45
20
ns
ts(DI)
SDIN setup
8
8
ns
th(DI)
SDIN hold
8
8
ns
tr
Rise time
25
10
ns
tf
Fall time
25
10
ns
Figure 3-3. DSP Timing in Master Mode
Submit Documentation Feedback
ELECTRICAL SPECIFICATIONS
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com