Electronic Components Datasheet Search
  English  ▼

X  

TSC2117 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2117
Description  Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2117 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSC2117 Datasheet HTML 17Page - Texas Instruments TSC2117 Datasheet HTML 18Page - Texas Instruments TSC2117 Datasheet HTML 19Page - Texas Instruments TSC2117 Datasheet HTML 20Page - Texas Instruments TSC2117 Datasheet HTML 21Page - Texas Instruments TSC2117 Datasheet HTML 22Page - Texas Instruments TSC2117 Datasheet HTML 23Page - Texas Instruments TSC2117 Datasheet HTML 24Page - Texas Instruments TSC2117 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
5
APPLICATION INFORMATION
5.1 Typical Circuit Configuration
HVDD
HVSS
SLVDD
SLVSS
AVDD
AVSS
SPRP
SPRN
SPLP
SPLN
SRVSS
VOL/MICDET
HPR
HPL
MICBIAS
TSVDD
TSVSS
DVDD
DVSS
IOVDD
IOVSS
XN
XP
AUX2
AUX1
YP
YN
VBAT
MIC
VREF
Touch
Screen
8 W
TSC2117
SRVDD
22 F
m
0.1 F
m
0.1 F
m
22 F
m
SVDD
0.1 F
m
10 F
m
0.1 F
m
10 F
m
+3.3VA
0.1 F
m
10 F
m
+3.3VA
0.1 F
m
10 F
m
+1.8VD
IOVDD
0.1 F
m
10 F
m
10 F
m
0.1 F
m
47 F
m
47 F
m
2.2kW
Headset
8 W
Speakers
4
0.1 F
´
m
System
Battery
SVDD
1 F
m
1 F
m
Analog_In1
Analog_In2
Note:VREFcanalsobe
suppliedexternally.
Note:EitherI C
orSPIorbothcan
beusedinany
mode.Itisnot
recommendedto
use
2
I CandSPI
simultaneously.
2
Note:VBAT isusedfor
voltagemeasurement.
SDOUT
SDIN
BCLK
WCLK
MCLK
SCL
SDA
GPI1
GPI2
GPI2
RESET
SCLK
MOSI
SS
MISO
GPIO2
GPIO1
S0400-01
TSC2117
Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D
Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
www.ti.com
SLAS550A – APRIL 2009 – REVISED JUNE 2009
Figure 5-1. Typical Circuit Configuration
Submit Documentation Feedback
APPLICATION INFORMATION
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com